Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STD150NH02L Arkusz danych(PDF) 4 Page - STMicroelectronics

Numer części STD150NH02L
Szczegółowy opis  N-CHANNEL 24V - 0.003 ohm - 150A ClipPAK™/IPAK STripFET™ III POWER MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD150NH02L Arkusz danych(HTML) 4 Page - STMicroelectronics

  STD150NH02L Datasheet HTML 1Page - STMicroelectronics STD150NH02L Datasheet HTML 2Page - STMicroelectronics STD150NH02L Datasheet HTML 3Page - STMicroelectronics STD150NH02L Datasheet HTML 4Page - STMicroelectronics STD150NH02L Datasheet HTML 5Page - STMicroelectronics STD150NH02L Datasheet HTML 6Page - STMicroelectronics STD150NH02L Datasheet HTML 7Page - STMicroelectronics STD150NH02L Datasheet HTML 8Page - STMicroelectronics STD150NH02L Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
STD150NH02L
4/9
Fig. 1: Unclamped Inductive Load Test Circuit
Fig. 1: Unclamped Inductive Load Test Circuit
Fig. 2: Unclamped Inductive Waveform
Fig. 3: Switching Times Test Circuits For Resistive
Load
Fig. 4: Gate Charge test Circuit
Fig. 5: Test Circuit For Inductive Load Switching
And Diode Recovery Times



Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com