| Zakładka z wyszukiwarką danych komponentów |
|
TAS5705PAP Arkusz danych(PDF) 64 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TAS5705PAP Arkusz danych(HTML) 64 Page - Texas Instruments |
|
64 / 71 page ![]() LOUDNESS BIQUAD GAIN INVERSE REGISTER (0x26) LOUDNESS SCALE REGISTER (0x28) DRC CONTROL (0x46) TAS5705 SLOS549 – JUNE 2008 ...................................................................................................................................................................................................... www.ti.com Table 29. PWM Output Mux Register (0x25) (continued) D7 D6 D5 D4 D3 D2 D1 D0 FUNCTION 0 0 0 0 – – – – Multiplex channel 1 to SUB_PWM– 0 0 0 1 – – – – Multiplex channel 2 to SUB_PWM– 0 0 1 0 – – – – Multiplex channel 3 to SUB_PWM– 0 0 1 1 – – – – Multiplex channel 4 to SUB_PWM– 0 1 0 0 – – – – Multiplex channel 5 to SUB_PWM– (3) 0 1 0 1 – – – – Multiplex channel 6 to SUB_PWM– 0 1 1 X – – – – Reserved 1 X X X – – – – Reserved – – – – 0 0 0 0 Multiplex channel 1 to SUB_PWM+ – – – – 0 0 0 1 Multiplex channel 2 to SUB_PWM+ – – – – 0 0 1 0 Multiplex channel 3 to SUB_PWM+ – – – – 0 0 1 1 Multiplex channel 4 to SUB_PWM+ – – – – 0 1 0 0 Multiplex channel 5 to SUB_PWM+ – – – – 0 1 0 1 Multiplex channel 6 to SUB_PWM+ (3) – – – – 0 1 1 X Reserved – – – – 1 X X X Reserved (3) Default values are in bold. Bit D6 of the volume configuration register (0x0E) enables/disables gain compensation for BQ1. D6 = 0 disables gain compensation (default); D6 = 1 enables gain compensation. Maximum/minimum biquad gain = ±4. Table 30. Loudness Biquad Gain Inverse Register (3.23 Format) CONTENT DEFINITION u[31:26], x[25:0] 1/G (1) (1) G = gain of the biquad Table 31. Loudness Scale Register (3.23 Format) CONTENT DEFINITION u[31:26], x[25:0] Scale = 1/(1 – 1/G) (1) (1) G = gain of the biquad D7 D6 D5 D4 D3 D2 D1 D0 FUNCTION – – – – 0 – – – DRC1 independent of channel 4 (1) – – – – 1 – – – DRC1 dependent of channel 4 – – – – – 0 – – DRC1 independent of channel 3 (1) – – – – – 1 – – DRC1 dependent of channel 3 – – – – – – 0 – DRC2 (subchannel ) turned OFF (1) – – – – – – 1 – DRC2 (subchannel ) turned ON – – – – – – – 0 DRC1 (satellite channels) turned OFF (1) – – – – – – – 1 DRC1 (satellite channels) turned ON (1) Default values are in bold. 64 Submit Documentation Feedback Copyright © 2008, Texas Instruments Incorporated Product Folder Link(s): TAS5705 |