Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STD2NC60 Arkusz danych(PDF) 3 Page - STMicroelectronics

Numer części STD2NC60
Szczegółowy opis  N-CHANNEL 600V - 3.3ohm - 2A DPAK / IPAK PowerMesh™ II MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD2NC60 Arkusz danych(HTML) 3 Page - STMicroelectronics

  STD2NC60 Datasheet HTML 1Page - STMicroelectronics STD2NC60 Datasheet HTML 2Page - STMicroelectronics STD2NC60 Datasheet HTML 3Page - STMicroelectronics STD2NC60 Datasheet HTML 4Page - STMicroelectronics STD2NC60 Datasheet HTML 5Page - STMicroelectronics STD2NC60 Datasheet HTML 6Page - STMicroelectronics STD2NC60 Datasheet HTML 7Page - STMicroelectronics STD2NC60 Datasheet HTML 8Page - STMicroelectronics STD2NC60 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3/9
STD2NC60
ELECTRICAL CHARACTERISTICS (CONTINUED)
SWITCHING ON
SWITCHING OFF
SOURCE DRAIN DIODE
Note: 1. Pulsed: Pulse duration = 300 µs, duty cycle 1.5 %.
2. Pulse width limited by safe operating area.
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
td(on)
Turn-on Delay Time
VDD = 300V, ID = 1.5A
RG = 4.7Ω VGS = 10V
(see test circuit, Figure 3)
13
ns
tr
Rise Time
9
ns
Qg
Total Gate Charge
VDD = 480V, ID = 3A,
VGS = 10V
15
22
nC
Qgs
Gate-Source Charge
6.2
nC
Qgd
Gate-Drain Charge
5.6
nC
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
tr(Voff)
Off-voltage Rise Time
VDD = 480V, ID = 3A,
RG = 4.7Ω, VGS = 10V
(see test circuit, Figure 5)
11
ns
tf
Fall Time
13
ns
tc
Cross-over Time
18
ns
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
ISD
Source-drain Current
2
A
ISDM (2)
Source-drain Current (pulsed)
8
A
VSD (1)
Forward On Voltage
ISD = 3A, VGS = 0
1.6
V
trr
Reverse Recovery Time
ISD = 3A, di/dt = 100A/µs,
VDD = 100V, Tj = 150°C
(see test circuit, Figure 5)
500
ns
Qrr
Reverse Recovery Charge
2.1
µC
IRRM
Reverse Recovery Current
8.5
A
Thermal Impedance
Safe Operating Area



Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com