| Zakładka z wyszukiwarką danych komponentów |
|
DPFF16D22JS-F Arkusz danych(PDF) 3 Page - Cornell Dubilier Electronics |
|
|
|||||||||||||||||||||||||||||
DPFF16D22JS-F Arkusz danych(HTML) 3 Page - Cornell Dubilier Electronics |
|
3 / 3 page ![]() CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 • www.cde.com Type DPFF High AC Current Polypropylene Film Capacitors Cap Catalog T Max. H Max. L Max. S ±0.06 (±1.5) (µF) Part Number Inches (mm) Inches (mm) Inches (mm) Inches (mm) 1200 Vdc (475 Vac 60 Hz) .0100 DPFF12S1J–F 0.60 (15.2) 0.60 (15.2) 1.30 (33.0) 0.72 (18.3) .0120 DPFF12S12J–F 0.65 (16.5) 0.65 (16.5) 1.30 (33.0) 0.72 (18.3) .0150 DPFF12S15J–F 0.65 (16.5) 0.65 (16.5) 1.30 (33.0) 0.72 (18.3) .0150 DPFF12S15JS–F 0.55 (14.0) 0.61 (15.5) 1.25 (31.8) 0.72 (18.3) .0180 DPFF12S18J–F 0.65 (16.5) 0.65 (16.5) 1.30 (33.0) 1.095 (27.8) .0220 DPFF12S22J–F 0.65 (16.5) 0.65 (16.5) 1.30 (33.0) 1.095 (27.8) .0270 DPFF12S27J–F 0.75 (16.0) 0.75 (16.0) 1.70 (43.2) 1.095 (27.8) .0330 DPFF12S33J–F 0.75 (16.0) 0.75 (16.0) 1.70 (43.2) 1.095 (27.8) .0390 DPFF12S39J–F 0.85 (21.6) 0.85 (21.6) 1.70 (43.2) 1.095 (27.8) .0390 DPFF12S39JS–F 0.68 (17.3) 0.74 (18.8) 1.65 (41.9) 1.095 (27.8) .0470 DPFF12S47J–F 0.85 (21.6) 0.85 (21.6) 1.70 (43.2) 1.095 (27.8) 1600 Vdc (500 Vac 60 Hz) .0010 DPFF16D1JS–F 0.29 (7.4) 0.33 (8.4) 1.25 (31.8) 0.72 (18.3) .0012 DPFF16D12JS–F 0.30 (7.6) 0.34 (8.6) 1.25 (31.8) 0.72 (18.3) .0015 DPFF16D15JS–F 0.32 (8.1) 0.36 (9.1) 1.25 (31.8) 0.72 (18.3) .0018 DPFF16D18J–F 0.50 (12.7) 0.50 (12.7) 1.30 (33.0) 0.72 (18.3) .0022 DPFF16D22J–F 0.50 (12.7) 0.50 (12.7) 1.30 (33.0) 0.72 (18.3) .0022 DPFF16D22JS–F 0.35 (8.9) 0.39 (9.9) 1.25 (31.8) 0.72 (18.3) .0027 DPFF16D27J–F 0.55 (14.0) 0.55 (14.0) 1.30 (33.0) 0.72 (18.3) .0033 DPFF16D33J–F 0.55 (14.0) 0.55 (14.0) 1.30 (33.0) 0.72 (18.3) .0033 DPFF16D33JS–F 0.40 (10.2) 0.44 (11.2) 1.25 (31.8) 0.72 (18.3) .0039 DPFF16D39J–F 0.60 (15.2) 0.60 (15.2) 1.30 (33.0) 0.72 (18.3) .0047 DPFF16D47J–F 0.60 (15.2) 0.60 (15.2) 1.30 (33.0) 0.72 (18.3) .0047 DPFF16D47JS–F 0.46 (11.7) 0.50 (12.7) 1.25 (31.8) 0.72 (18.3) .0056 DPFF16D56J–F 0.65 (16.5) 0.65 (16.5) 1.30 (33.0) 0.72 (18.3) .0068 DPFF16D68J–F 0.65 (16.5) 0.65 (16.5) 1.30 (33.0) 0.72 (18.3) .0068 DPFF16D68JS–F 0.52 (13.2) 0.56 (14.2) 1.25 (31.8) 0.72 (18.3) .0082 DPFF16D82J–F 0.70 (17.8) 0.70 (17.8) 1.30 (33.0) 0.72 (18.3) .0100 DPFF16S1J–F 0.70 (17.8) 0.70 (17.8) 1.30 (33.0) 0.72 (18.3) .0100 DPFF16S1JS–F 0.61 (15.5) 0.65 (16.5) 1.25 (31.8) 0.72 (18.3) .0120 DPFF16S12J–F 0.75 (19.1) 0.75 (19.1) 1.70 (43.2) 1.095 (27.8) .0150 DPFF16S15J–F 0.75 (19.1) 0.75 (19.1) 1.70 (43.2) 1.095 (27.8) .0150 DPFF16S15JS–F 0.59 (15.0) 0.63 (16.0) 1.65 (41.9) 1.095 (27.8) .0180 DPFF16S18J–F 0.85 (21.6) 0.85 (21.6) 1.70 (43.2) 1.095 (27.8) .0220 DPFF16S22J–F 0.85 (21.6) 0.85 (21.6) 1.70 (43.2) 1.095 (27.8) .0270 DPFF16S27J–F 0.95 (24.1) 0.95 (24.1) 1.70 (43.2) 1.095 (27.8) 0.033 DPFF16S33J–F 0.95 (24.1) 0.95 (24.1) 1.70 (43.2) 1.095 (27.8) 0.033 DPFF16S33JS–F 0.81 (20.6) 0.85 (21.6) 1.65 (41.9) 1.095 (27.8) RoHS Compliant Cap Catalog T Max. H Max. L Max. S ±0.06 (±1.5) (µF) Part Number Inches (mm) Inches (mm) Inches (mm) Inches (mm) 600/630 Vdc (200 Vac 60 Hz) .0470 DPFF6S47J–F 0.60 (15.2) 0.60 (15.2) 1.30 (33.0) 0.72 (18.3) .0560 DPFF6S56J–F 0.65 (16.5) 0.65 (16.5) 1.30 (33.0) 0.72 (18.3) .0680 DPFF6S68J–F 0.65 (16.5) 0.65 (16.5) 1.30 (33.0) 0.72 (18.3) .0680 DPFF6S68JS–F 0.60 (15.2) 0.64 (16.3) 1.25 (31.8) 0.72 (18.3) .0820 DPFF6S82J–F 0.75 (16.0) 0.75 (16.0) 1.30 (33.0) 0.72 (18.3) .1000 DPFF6P1J–F 0.75 (16.0) 0.75 (16.0) 1.30 (33.0) 0.72 (18.3) .1000 DPFF6P1JS–F 0.71 (18.0) 0.75 (16.0) 1.25 (31.8) 0.72 (18.3) .1200 DPFF6P12J–F 0.75 (19.0) 0.75 (19.0) 1.70 (43.2) 1.095 (27.8) .1500 DPFF6P15J–F 0.75 (19.0) 0.75 (19.0) 1.70 (43.2) 1.095 (27.8) .1500 DPFF6P15JS–F 0.71 (18.0) 0.75 (19.0) 1.65 (41.9) 1.095 (27.8) .1800 DPFF6P18J–F 0.85 (21.6) 0.85 (21.6) 1.70 (43.2) 1.095 (27.8) .2200 DPFF6P22J–F 0.85 (21.6) 0.85 (21.6) 1.70 (43.2) 1.095 (27.8) .2200 DPFF6P22JS–F 0.83 (21.1) 0.85 (21.6) 1.65 (41.9) 1.095 (27.8) 800 Vdc (450 Vac 60 Hz) .0056 DPFF8D56J–F 0.50 (12.7) 0.50 (12.7) 1.30 (33.0) 0.72 (18.3) .0056 DPFF8D56JS–F 0.28 (7.1) 0.34 (8.6) 1.25 (31.8) 0.72 (18.3) .0068 DPFF8D68J–F 0.50 (12.7) 0.50 (12.7) 1.30 (33.0) 0.72 (18.3) .0082 DPFF8D82J–F 0.50 (12.7) 0.50 (12.7) 1.30 (33.0) 0.72 (18.3) .0100 DPFF8S1J–F 0.50 (12.7) 0.50 (12.7) 1.30 (33.0) 0.72 (18.3) .0100 DPFF8S1JS–F 0.50 (12.7) 0.50 (12.7) 1.30 (33.0) 0.72 (18.3) .0120 DPFF8S12J–F 0.55 (14.0) 0.55 (14.0) 1.30 (33.0) 0.72 (18.3) .0120 DPFF8S12JS–F 0.35 (8.9) 0.41 (10.4) 1.25 (31.8) 0.72 (18.3) .0150 DPFF8S15J–F 0.55 (14.0) 0.55 (14.0) 1.30 (33.0) 0.72 (18.3) .0150 DPFF8S15JS–F 0.38 (9.7) 0.44 (11.2) 1.25 (31.8) 0.72 (18.3) .0180 DPFF8S18J–F 0.60 (15.2) 0.60 (15.2) 1.30 (33.0) 0.72 (18.3) .0220 DPFF8S22J–F 0.60 (15.2) 0.60 (15.2) 1.30 (33.0) 0.72 (18.3) .0220 DPFF8S22JS–F 0.44 (11.2) 0.50 (12.7) 1.25 (31.8) 0.72 (18.3) .0270 DPFF8S27J–F 0.70 (17.8) 0.70 (17.8) 1.30 (33.0) 0.72 (18.3) .0330 DPFF8S33J–F 0.70 (17.8) 0.70 (17.8) 1.30 (33.0) 0.72 (18.3) .0330 DPFF8S33JS–F 0.51 (13.0) 0.57 ( (14.5) 1.25 (31.8) 0.72 (18.3) .0390 DPFF8S39J–F 0.70 (17.8) 0.70 (17.8) 1.70 (43.2) 1.095 (27.8) .0470 DPFF8S47J–F 0.70 (17.8) 0.70 (17.8) 1.70 (43.2) 1.095 (27.8) .0560 DPFF8S56J–F 0.80 (20.3) 0.80 (20.3) 1.70 (43.2) 1.095 (27.8) .0680 DPFF8S68J–F 0.80 (20.3) 0.80 (20.3) 1.70 (43.2) 1.095 (27.8) .0680 DPFF8S68JS–F 0.58 (14.7) 0.64 (16.3) 1.65 (41.9) 1.095 (27.8) .0820 DPFF8S82J–F 0.90 (22.9) 0.90 (22.9) 1.70 (43.2) 1.095 (27.8) .1000 DPFF8P1J–F 0.90 (22.9) 0.90 (22.9) 1.70 (43.2) 1.095 (27.8) .1000 DPFF8P1JS–F 0.67 (17.0) 0.73 (18.5) 1.65 (41.9) 1.095 (27.8) 1200 Vdc (475 Vac 60 Hz) .0027 DPFF12D27J–F 0.50 (12.7) 0.50 (12.7) 1.30 (33.0) 0.72 (18.3) .0033 DPFF12D33J–F 0.50 (12.7) 0.50 (12.7) 1.30 (33.0) 0.72 (18.3) .0039 DPFF12D39J–F 0.50 (12.7) 0.50 (12.7) 1.30 (33.0) 0.72 (18.3) .0047 DPFF12D47J–F 0.50 (12.7) 0.50 (12.7) 1.30 (33.0) 0.72 (18.3) .0056 DPFF12D56J–F 0.55 (14.0) 0.55 (14.0) 1.30 (33.0) 0.72 (18.3) .0068 DPFF12D68J–F 0.55 (14.0) 0.55 (14.0) 1.30 (33.0) 0.72 (18.3) .0082 DPFF12D82J–F 0.60 (15.2) 0.60 (15.2) 1.30 (33.0) 0.72 (18.3) |