| Zakładka z wyszukiwarką danych komponentów |
|
EVAL-ADE7169F16EB Arkusz danych(PDF) 8 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
EVAL-ADE7169F16EB Arkusz danych(HTML) 8 Page - Analog Devices |
|
8 / 148 page ![]() ADE75xx/ADE71xx Preliminary Technical Data Rev. PrE | Page 8 of 148 Parameter Min Typ Max Unit Test Conditions/Comments Internal ADCs (Battery, Temperature, VDD) Power supply operating range 2.2 3.7 V Measured on VSWOUT No missing codes1 8 bits AC Power Supply Rejection TBD dB DC Power Supply Rejection TBD dB Integral Linearity Error -1 1 LSB3 Differential Linearity Error -1 1 LSB Conversion Delay4 1 ms Temperature sensor accuracy -1 1 °C at 25°C -4 4 °C between -40°C and 85°C VDCIN ANALOG INPUT Maximum Signal Levels 0 VSWOUT V Input Impedance (DC) 1 MΩ Low VDCIN detection threshold 1.08 1.2 1.32 V Power-On Reset (POR) VDD POR Voltage operating range 1 3.7 V Detection threshold 1.6 2.9 V POR active Time-out period TBD ms Strobe period in Battery operation TBD Ms VSWOUT POR Voltage operating range (VSWOUT) 1 3.7 V Detection threshold 1.8 2.2 V POR active Time-out period TBD ms VINTA and VINTD POR Voltage operating range (VSWOUT) 1 3.7 V Detection threshold 2.25 2.4 V POR active Time-out period TBD ms BATTERY SWITCH OVER Voltage operating range (VSWOUT) 2.4 3.7 V VDD VBAT switching threshold (VSWOUT) 2.75 TBD V VDD VBAT switching delay TBD ms VBAT VDD switching threshold (VDD) 2.75 TBD V VBAT VDD switching delay VSWOUT to VBAT leakage current TBD 1 ms nA LCD – Charge pump active LCDVP1 – LCDVP2 charge pump capacitance 200 nF LCDVA, LCDVB, LCDVC decoupling capacitance 470 nF LCDVA 0 1.7 V LCDVB 0 4.0 V 1/2 bias modes LCDVB 0 3.4 V 1/3 bias modes LCDVC 0 5.1 V 1/3 bias mode LCD stand-by current 100 nA 1/2 and 1/3 bias modes V1 Segment line voltage LCDVA-0.1 LCDVA V Current on segment line = -2 μA V2 Segment line voltage LCDVB-0.1 LCDVB V Current on segment line = -2 μA V3 Segment line voltage LCDVC-0.1 LCDVC V Current on segment line = -2 μA DC voltage across Segment and COM pin 50 mV LCDVC-LCDVB, LCDVC-LCDVA or LCDVB- LCDVA LCD – Resistor ladder active |