| Zakładka z wyszukiwarką danych komponentów |
|
DP80390 Arkusz danych(PDF) 25 Page - Digital Core Design |
|
|
|||||||||||||||||||||||||||||
DP80390 Arkusz danych(HTML) 25 Page - Digital Core Design |
|
25 / 84 page ![]() DP80390 Instructions set details - 25 - All trademarks mentioned in this document http://www.DigitalCoreDesign.com are trademarks of their respective owners. http://www.dcd.pl Copyright 1999-2003 DCD – Digital Core Design. All Rights Reserved. Function: Logical AND for bit operands Description: If the Boolean value of the source bit is a logic 0 then clear the carry flag; otherwise leave the carry flag in its current state. A slash (“/” preceding the operand in the assembly language indicates that the logical complement of the addressed bit is used as the source value, but the source bit itself is not affected. No other flags are affected. Only direct bit addressing is allowed for the source operand. 3.5.7. ANL C, BIT Operation: (PC) ← (PC) + 2 (C) ← (C) and (bit) Bytes: 2 Cycles: 2 Encoding: 1 0 0 0 0 0 1 0 bit address 3.5.8. ANL C, /BIT Operation: (PC) ← (PC) + 2 (C) ← (C) and / (bit) Bytes: 2 Cycles: 2 Encoding: 1 0 1 1 0 0 0 0 bit address |