| Zakładka z wyszukiwarką danych komponentów |
|
T89C51CC02CA-RATIM Arkusz danych(PDF) 34 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
T89C51CC02CA-RATIM Arkusz danych(HTML) 34 Page - ATMEL Corporation |
|
34 / 145 page ![]() 34 T89C51CC02 4126D–CAN–05/03 FM0 Memory Architecture The Flash memory is made up of 4 blocks (See Figure 13): 1. The memory array (user space) 16K Bytes 2. The Extra Row 3. The Hardware security bits 4. The column latch registers User Space This space is composed of a 16K Bytes Flash memory organized in 128 pages of 128 Bytes. It contains the user’s application code. Extra Row (XRow) This row is a part of FM0 and has a size of 128 Bytes. The extra row may contain infor- mation for boot loader usage. Hardware Security Byte The Hardware security Byte space is a part of FM0 and has a size of 1 byte. The 4 MSB can be read/written by software, the 4 LSB can only be read by software and written by hardware in parallel mode. Column Latches The column latches, also part of FM0, have a size of full page (128 Bytes). The column latches are the entrance buffers of the three previous memory locations (user array, XROW and Hardware security byte). Cross Flash Memory Access Description The FM0 memory can be programmed as describe on Table 20. Programming FM0 from FM0 is impossible. The FM1 memory can be program only by parallel programming. Table 20 show all software Flash access allowed. Table 20. Cross Flash Memory Access Action FM0 (user Flash) FM1 (boot Flash) FM0 (user Flash) Read ok - Load column latch ok - Write - - FM1 (boot Flash) Read ok ok Load column latch ok - Write ok - |