| Zakładka z wyszukiwarką danych komponentów |
|
XC2000 Arkusz danych(PDF) 30 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
XC2000 Arkusz danych(HTML) 30 Page - Infineon Technologies AG |
|
30 / 110 page ![]() XC2287 / XC2286 / XC2285 XC2000 Family Derivatives General Device Information Preliminary Data Sheet 28 V0.91, 2007-02 Draft Version 120 P1.2 O0 / I St/B Bit 2 of Port 1, General Purpose Input/Output CCU62_ CC62 O1 / I St/B CCU62 Channel 2 Input/Output U1C0_ SELO6 O2 St/B USIC1 Channel 0 Select/Control 6 Output U2C1_ SCLKOUT O3 St/B USIC2 Channel 1 Shift Clock Output A10 OH St/B External Bus Interface Address Line 10 CCU61_ T12HRB I St/B External Run Control Input for T12 of CCU61 EX2AINA I St/B External Interrupt Trigger Input U2C1_DX0D I St/B USIC2 Channel 1 Shift Data Input U2C1_DX1C I St/B USIC2 Channel 1 Shift Clock Input 121 P10.12 O0 / I St/B Bit 12 of Port 10, General Purpose Input/Output U1C0_DOUT O1 St/B USIC1 Channel 0 Shift Data Output TxDC2 O2 St/B CAN Node 2 Transmit Data Output TDO O3 St/B JTAG Test Data Output AD12 OH / I St/B External Bus Interface Address/Data Line 12 U1C0_DX0C I St/B USIC1 Channel 0 Shift Data Input U1C0_DX1E I St/B USIC1 Channel 0 Shift Clock Input 122 P9.3 O0 / I St/B Bit 3 of Port 9, General Purpose Input/Output CCU63_ COUT60 O1 St/B CCU63 Channel 0 Output BRKOUT O2 St/B OCDS Break Signal Output Table 2 Pin Definitions and Functions (cont’d) Pin Symbol Ctrl. Type Function |