| Zakładka z wyszukiwarką danych komponentów |
|
ST62T20BT1/OTP Arkusz danych(PDF) 35 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST62T20BT1/OTP Arkusz danych(HTML) 35 Page - STMicroelectronics |
|
35 / 104 page ![]() ST6208C/ST6209C/ST6210C/ST6220C 35/104 STOP MODE (Cont’d) Figure 22. STOP Mode Flowchart Notes: 1. EXCTNL is an option bit. See option byte section for more details. 2. Peripheral clocked with an external clock source can still be active. 3. Only some specific interrupts can exit the MCU from STOP mode (such as external interrupt). Refer to the Interrupt Mapping table for more details. STOP INSTRUCTION RESET INTERRUPT 3) Y N N Y FETCH RESET VECTOR OR SERVICE INTERRUPT WATCHDOG ENABLE DISABLE EXCTNL 1 1 LEVEL ON NMI PIN 0 0 RESET INTERRUPT N N Y Y VALUE 1) Clock to CPU OSCILLATOR Clock to PERIPHERALS2) Off No No 2048 DELAY Clock to CPU OSCILLATOR Clock to PERIPHERALS Restart Yes Yes Clock to CPU OSCILLATOR Clock to PERIPHERALS On Yes Yes Clock to CPU OSCILLATOR Clock to PERIPHERALS On Yes No CLOCK CYCLE 1 |