Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

DUR100C Arkusz danych(PDF) 4 Page - SunLED Corporation

Numer części DUR100C
Szczegółowy opis  100mm(4.0")SINGLE DIGIT NUMERIC DISPLAY
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SUNLED [SunLED Corporation]
Strona internetowa  http://www.sunled.com
Logo SUNLED - SunLED Corporation

DUR100C Arkusz danych(HTML) 4 Page - SunLED Corporation

  DUR100C Datasheet HTML 1Page - SunLED Corporation DUR100C Datasheet HTML 2Page - SunLED Corporation DUR100C Datasheet HTML 3Page - SunLED Corporation DUR100C Datasheet HTML 4Page - SunLED Corporation DUR100C Datasheet HTML 5Page - SunLED Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
www.SunLED.com
Published Date : MAR 12,2008
Drawing No : SDSA2189
V3
Checked : Shin Chi
P.4/5
Part Number:
DUR100C
100mm (4.0") SINGLE DIGIT NUMERIC DISPLAY
DUR100C
Remarks:
If special sorting is required (e.g. binning based on forward voltage, Luminous intensity / luminous flux, or wavelength),
the typical accuracy of the sorting process is as follows:
1. Wavelength: +/-1nm
2. Luminous intensity / luminous flux: +/-15%
3. Forward Voltage: +/-0.1V
Note: Accuracy may depend on the sorting parameters.



Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com