| Zakładka z wyszukiwarką danych komponentów |
|
L6374FPT Arkusz danych(PDF) 3 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L6374FPT Arkusz danych(HTML) 3 Page - STMicroelectronics |
|
3 / 19 page ![]() L6374 Maximum ratings 3/19 1 Maximum ratings 2 Pin connections Figure 2. Pins connection (top view) Table 2. Absolute maximum ratings Symbol Pin Parameter Value Unit VS 1 Supply voltage (tW ≤ 10 ms) 50 V Supply voltage (DC) 40 V Vilog 12, 13 Logic input voltage (DC) -0.3 to 7 V I ilog Logic input forced current, per pin ±1mA Ii 7, 8, 9, 10 Channel input current (forced) ±2mA Vi Channel input voltage - 7 to 35 V Iout 3, 4, 17, 18 Output current (forced, apart from inductive load) ±100 mA Output current (forced, apart from inductive load) same tW ≤ 10 ms ±1A Vout Output Voltage (forced, not resulting from an inductive kick) -0.3 to VS +0.3 V Iset 11 Setting pin forced current ±1mA Vset Setting pin forced voltage -0.3 to 5 V Vdiag 14 External voltage -0.3 to 35 V Idiag Externally forced current -10 to 10 mA VC3 13 Voltage on the delay capacitor, externally forced -0.3 to 4.5 V Top Ambient temperature, operating range -25 to 85 °C TJ Junction temperature, operating range (see overtemperature protection) -25 to 125 °C Tstg Storage temperature -55 to 150 °C |