| Zakładka z wyszukiwarką danych komponentów |
|
BAT46CFILM Arkusz danych(PDF) 2 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
BAT46CFILM Arkusz danych(HTML) 2 Page - STMicroelectronics |
|
2 / 11 page ![]() Characteristics BAT46 Series 2/11 1 Characteristics Table 1. Absolute ratings (limiting values at Tj = 25° C, unless otherwise specified) Symbol Parameter Value Unit VRRM Repetitive peak reverse voltage 100 V IF Continuous forward current 150 mA IFSM Surge non repetitive forward current tp = 10 ms Sinusoidal 1 A Tstg Storage temperature range -65 to +150 ° C Tj Maximum operating junction temperature (1) 150 ° C TL Maximum soldering temperature(1) 260 ° C 1. Pulse test: tp = 380 µs, δ < 2 % Table 2. Thermal parameters Symbol Parameter Value Unit Rth(j-a) Junction to ambient(1) SOD-123, SOT-23 500 °C/W SOT-323, SOD-323, 550 1. On epoxy printed circuit board with recommended pad layout Table 3. Static electrical characteristics Symbol Parameter Test conditions Min. Typ Max. Unit IR (1) Reverse leakage current Tj = 25° C VR = 1.5 V 0.5 µA VR = 10 V 0.8 VR = 50 V 2 VR = 75 V 5 Tj = 60° C VR = 1.5 V 5 VR = 10 V 7.5 VR = 50 V 15 VR = 75 V 20 VF (2) Forward voltage drop Tj = 25° C IF = 0.1 mA 0.25 V IF =10 mA 0.45 IF =250 mA 1 1. Pulse test: tp = 5 ms, δ < 2 % 2. Pulse test: tp = 380 µs, δ < 2 % Table 4. Dynamic characteristics Symbol Parameter Test conditions Min. Typ Max. Unit C Diode capacitance VR = 0 V, F = 1 MHz 10 pF VR = 1 V, F = 1 MHz 6 |