Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STTH6002C Arkusz danych(PDF) 7 Page - STMicroelectronics

Numer części STTH6002C
Szczegółowy opis  High efficiency ultrafast diode
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH6002C Arkusz danych(HTML) 7 Page - STMicroelectronics

  STTH6002C Datasheet HTML 1Page - STMicroelectronics STTH6002C Datasheet HTML 2Page - STMicroelectronics STTH6002C Datasheet HTML 3Page - STMicroelectronics STTH6002C Datasheet HTML 4Page - STMicroelectronics STTH6002C Datasheet HTML 5Page - STMicroelectronics STTH6002C Datasheet HTML 6Page - STMicroelectronics STTH6002C Datasheet HTML 7Page - STMicroelectronics STTH6002C Datasheet HTML 8Page - STMicroelectronics STTH6002C Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
STTH6002C
Package information
7/9
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a lead-free second level interconnect. The category of
second level interconnect is marked on the package and on the inner box label, in
compliance with JEDEC Standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label. ECOPACK is an ST trademark.
ECOPACK specifications are available at: www.st.com.
Table 6.
TOP3I dimensions
REF
DIMENSIONS
Millimeters
Inches
Min.
Max.
Min.
Max.
A
4.4
4.6
0.173
0.181
B
1.45
1.55
0.057
0.061
C
14.35
15.60
0.565
0.614
D
0.5
0.7
0.020
0.028
E
2.7
2.9
0.106
0.114
F
15.8
16.5
0.622
0.650
G
20.4
21.1
0.815
0.831
H
15.1
15.5
0.594
0.610
J
5.4
5.65
0.213
0.222
K
3.4
3.65
0.134
0.144
ØL
4.08
4.17
0.161
0.164
P
1.20
1.40
0.047
0.055
R
4.60 Typ.
0.181 Typ.
R
H
K
G
F
E
D
B
A
C
JJ
P
ØL



Html Pages

1 2 3 4 5 6 7 8 9