| Zakładka z wyszukiwarką danych komponentów |
|
TS507IDT Arkusz danych(PDF) 12 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TS507IDT Arkusz danych(HTML) 12 Page - STMicroelectronics |
|
12 / 20 page ![]() Electrical characteristics TS507 12/20 Figure 13. Output current vs. output voltage at VCC=5V Figure 14. Positive and negative slew rate vs. supply voltage 0.0 0.0 1.0 1.0 2.0 2.0 3.0 3.0 4.0 4.0 5.0 5.0 -150 -125 -100 -100 -75 -50 -25 0 0 25 50 75 100 100 125 150 Source Vid=1V Sink Vid=-1V T=-40°C T=25°C T=125°C T=-40°C Vcc=5V T=125°C T=25°C O utput Voltage (V) 2.0 2.5 3.0 3.03.5 4.04.5 5.0 5.0 5.5 6.0 -1.0 -1.0 -0.8 -0.8 -0.6 -0.6 -0.4 -0.4 -0.2 -0.2 0.0 0.0 0.2 0.2 0.4 0.4 0.6 0.6 0.8 0.8 1.0 1.0 T=125°C T=25°C T=-40°C Positive slew rate Negative slew rate Vin : from 0.5V to Vcc-0.5V SR : calculated from 10% to 90% T=125°C T=25°C T=-40°C Supply Voltage (V) Figure 15. Voltage gain and phase vs. frequency at VCC=5V and Vicm=2.5V at T=25°C Figure 16. Voltage gain and phase vs. frequency at VCC=5V and Vicm=2.5V at T=-40°C 10 4 10 5 10 6 10 7 -50 -40 -40 -30 -20 -20 -10 0 0 10 20 20 30 40 40 50 -180 -150 -120 -90 -60 -30 0 30 60 90 120 150 180 Cl=230pF Cl=100pF Phase Vcc=5V, Vicm=2.5V, G= -100 Rl=2kOhms, Vrl=Vcc/2 Tamb=25°C Gain Frequency (Hz) 10 4 10 5 10 6 10 7 -50 -40 -40 -30 -20 -20 -10 0 0 10 20 20 30 40 40 50 -180 -150 -120 -90 -60 -30 0 30 60 90 120 150 180 Phase Vcc=5V, Vicm=2.5V, G= -100 Rl=2kOhms, Cl=100pF, Vrl=Vcc/2 Tamb=-40°C Gain Frequency (Hz) Figure 17. Voltage gain and phase vs. frequency at VCC=5V and Vicm=2.5V at T=125°C Figure 18. Closed loop gain in voltage follower configuration for different capacitive load at T=25°C 10 4 10 5 10 6 10 7 -50 -40 -40 -30 -20 -20 -10 0 0 10 20 20 30 40 40 50 -180 -150 -150 -120 -120 -90 -90 -60 -60 -30 -30 0 30 30 60 60 90 90 120 120 150 150 180 Phase Vcc=5V, Vicm=2.5V, G= -100 Rl=2kOhms, Cl=100pF, Vrl=Vcc/2 Tamb=125°C Gain Frequency (Hz) 10k 100k 1M 10M -40 -40 -30 -20 -20 -10 0 0 10 20 20 TS507 : V cc = 5 V V icm = 2,5 V T = 25 °C R L = 10 k Ω G ain w ith C L =300 pF G ain with C L =550 pF G ain w ithout C L Frequency (H z) |