Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TSH80ID Arkusz danych(PDF) 16 Page - STMicroelectronics

Numer części TSH80ID
Szczegółowy opis  Wide band rail-to-rail operational amplifier with standby function
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSH80ID Arkusz danych(HTML) 16 Page - STMicroelectronics

Back Button TSH80ID Datasheet HTML 12Page - STMicroelectronics TSH80ID Datasheet HTML 13Page - STMicroelectronics TSH80ID Datasheet HTML 14Page - STMicroelectronics TSH80ID Datasheet HTML 15Page - STMicroelectronics TSH80ID Datasheet HTML 16Page - STMicroelectronics TSH80ID Datasheet HTML 17Page - STMicroelectronics TSH80ID Datasheet HTML 18Page - STMicroelectronics TSH80ID Datasheet HTML 19Page - STMicroelectronics TSH80ID Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
Test conditions
TSH80-TSH81-TSH82
16/24
3.2
Video capabilities
To characterize the differential phase and differential gain a CCIR330 video line is used.
The video line contains 5 (flat) levels of luminance onto which the chrominance signal is
superimposed. The luminance gives various amplitudes which define the saturation of the
signal. The chrominance gives various phases which define the color of the signal.
Differential phase (or differential gain) distortion is present if a signal chrominance phase
(gain) is affected by luminance level. Differential phase and gain represent the ability to
uniformly process the high frequency information at all luminance levels.
When differential gain is present, color saturation is not correctly reproduced.
The input generator is the Rhode & Schwarz CCVS. The output measurement is done by
the Rhode and Schwarz VSA.
Figure 32.
Measurement on Rhode and Schwarz VSA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24