| Zakładka z wyszukiwarką danych komponentów |
|
TSH112 Arkusz danych(PDF) 14 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TSH112 Arkusz danych(HTML) 14 Page - STMicroelectronics |
|
14 / 15 page ![]() Ordering information TSH110-TSH111-TSH112-TSH113-TSH114 14/15 5 Ordering information 6 Revision history Table 8. Order codes Part number Temperature range Package Packing Marking TSH110ILT -40°C to +85°C SOT23-5 Tape & reel K302 TSH110IYLT(1) SOT23-5 (Automotive grade level) Tape & reel K309 TSH111ID TSH111IDT SO-8 Tube or Tape & reel H111I TSH111IPT TSSOP8 (Thin shrink outline package) Tape & reel H111I TSH112ID TSH112IDT SO-8 Tube or Tape & reel H112I TSH112IPT TSSOP8 (Thin shrink outline package) Tape & reel H112I TSH113ID TSH113IDT SO-14 Tube or Tape & reel TSH113I TSH113IPT TSSOP14 Tape & reel TSH113I TSH114ID TSH114IDT SO-14 Tube or Tape & reel TSH114I TSH114IPT TSSOP14 Tape & reel TSH114I 1. Qualification and characterization according to AEC Q100 and Q003 or equivalent, advanced screening according to AEC Q001 & Q 002 or equivalent are on-going. Table 9. Document revision history Date Revision Changes 4-Oct-2001 1 Initial release. 22-Oct-2007 2 Added TSH110ILT/TSH110IYLT order codes to Table 8: Order codes. Document reformatted. |