| Zakładka z wyszukiwarką danych komponentów |
|
TSH71CPT Arkusz danych(PDF) 14 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TSH71CPT Arkusz danych(HTML) 14 Page - STMicroelectronics |
|
14 / 33 page ![]() Electrical Characteristics TSH70,71,72,73,74,75 14/33 Figure 14. Standby mode - Ton, Toff (VCC = ±1.5V, open loop) Figure 15. Group delay gain = 2 (VCC = ±1.5V, ZL = 150Ω//27pF, Tamb = 25 °C) Figure 16. Third order intermodulation(1) (Gain = 2, VCC = ±1.5V, ZL =150Ω//27pF, Tamb = 25 °C) 1. Note on intermodulation products: The IFR2026 synthesizer generates a two tones signal (F1=180kHz, F2=280kHz); each tone having the same amplitude level. The HP3585 spectrum analyzer measures the intermodulation products function of the output voltage. The generator and the spectrum analyzer are phase locked for precision considerations. 0 2E-6 4E-6 6E-6 8E-6 1E-5 Time (s) -2 -1 0 1 2 Vout Ton Toff Standby Vin Group Delay Gain 5.87ns 0 123 4 Vout peak(V) -100 -90 -80 -70 -60 -50 -40 -30 -20 -10 0 80kHz 380kHz 640kHz 740kHz |