Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74ACT174MTR Arkusz danych(PDF) 3 Page - STMicroelectronics

Numer części 74ACT174MTR
Szczegółowy opis  HEX D-TYPE FLIP FLOP WITH CLEAR
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74ACT174MTR Arkusz danych(HTML) 3 Page - STMicroelectronics

  74ACT174MTR Datasheet HTML 1Page - STMicroelectronics 74ACT174MTR Datasheet HTML 2Page - STMicroelectronics 74ACT174MTR Datasheet HTML 3Page - STMicroelectronics 74ACT174MTR Datasheet HTML 4Page - STMicroelectronics 74ACT174MTR Datasheet HTML 5Page - STMicroelectronics 74ACT174MTR Datasheet HTML 6Page - STMicroelectronics 74ACT174MTR Datasheet HTML 7Page - STMicroelectronics 74ACT174MTR Datasheet HTML 8Page - STMicroelectronics 74ACT174MTR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
74ACT174
3/11
ABSOLUTE MAXIMUM RATINGS
Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation under these conditions is
not implied.
RECOMMENDED OPERATING CONDITIONS
1) VIN from 0.8V to 2.0V
Symbol
Parameter
Value
Unit
VCC
Supply Voltage
-0.5 to +7
V
VI
DC Input Voltage
-0.5 to VCC + 0.5
V
VO
DC Output Voltage
-0.5 to VCC + 0.5
V
IIK
DC Input Diode Current
± 20
mA
IOK
DC Output Diode Current
± 20
mA
IO
DC Output Current
± 50
mA
ICC or IGND DC VCC or Ground Current
± 300
mA
Tstg
Storage Temperature
-65 to +150
°C
TL
Lead Temperature (10 sec)
300
°C
Symbol
Parameter
Value
Unit
VCC
Supply Voltage
4.5 to 5.5
V
VI
Input Voltage
0 to VCC
V
VO
Output Voltage
0 to VCC
V
Top
Operating Temperature
-55 to 125
°C
dt/dv
Input Rise and Fall Time VCC = 4.5 to 5.5V (note 1)
8
ns/V



Html Pages

1 2 3 4 5 6 7 8 9 10 11