| Zakładka z wyszukiwarką danych komponentów |
|
STLC5412 Arkusz danych(PDF) 52 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STLC5412 Arkusz danych(HTML) 52 Page - STMicroelectronics |
|
52 / 74 page ![]() Table 8: REGISTER ACCESS MESSAGES FUNCTION BYTE 1 BYTE 2 AD7/4 AD3/1 AD0 7 6 5 4 3 2 1 0 NOP 0000 000 0 0 0 0 0 0 0 0 0 RESERVED 0001 XXX X 0 0 0 0 0 0 0 0 OPR W 0010 000 0 CIE EIE FIE OB1 OB0 0C1 0C0 C2E OPR R 0010 000 1 0 0 0 0 0 0 0 0 CR1 W 0010 001 0 FF1 FF0 CK2 CK1 CK0 DDM CMS BEX CR1 R 0010 001 1 0 0 0 0 0 0 0 0 CR2 W 0010 010 0 SFS NTS DMO DEN ETC BP1 BP2 RR CR2 R 0010 010 1 0 0 0 0 0 0 0 0 CR3 W 0010 011 0 LB1 LB2 LBD DB1 DB2 DBD TLB T15D CR3 R 0010 011 1 0 0 0 0 0 0 0 0 CR4 W 0010 100 0 EB1 EB2 ED FFIT ESFr CTLIO MOB CTC CR4 R 0010 100 1 0 0 0 0 0 0 0 0 CR5 W 0010 101 0 IO4 IO3 IO2 IO1 D4 D3 D2 D1 CR5 R 0010 101 1 0 0 0 0 0 0 0 0 CR6 W 0010 110 0 T15E ACTAUT PUPAUT QM AIS TFB0 RFS LFS CR6 R 0010 110 1 0 0 0 0 0 0 0 0 CR7 W 0010 111 0 0 0 0 0 0 LOCK PL2EN DECT CR7 R 0010 111 1 0 0 0 0 0 0 0 0 TXB1 W 0011 000 0 0 0 B1X5 B1X4 B1X3 B1X2 B1X1 B1X0 TXB1 R 0011 000 1 0 0 0 0 0 0 0 0 TXB2 W 0011 001 0 0 0 B2X5 B2X4 B2X3 B2X2 B2X1 B2X0 TXB2 R 0011 001 1 0 0 0 0 0 0 0 0 RXB1 W 0011 010 0 0 0 B1R5 B1R4 B1R3 B1R2 B1R1 B1R0 RXB1 R 0011 010 1 0 0 0 0 0 0 0 0 RXB2 W 0011 011 0 0 0 B2R5 B2R4 B2R3 B2R2 B2R1 B2R0 RXB2 R 0011 011 1 0 0 0 0 0 0 0 0 TXD W 0011 100 0 DX5 DX4 DX3 DX2 DX1 DX0 SX1 SX0 TXD R 0011 100 1 0 0 0 0 0 0 0 0 RXD W 0011 101 0 DR5 DR4 DR3 DR2 DR1 DR0 SR1 SR0 RXD R 0011 101 1 0 0 0 0 0 0 0 0 RESERVED 0011 11X X 0 0 0 0 0 0 0 0 Notes: 1. Bit 7 of byte 1 is the first bit clocked into the UID. 2. All configuration registers can be read-back by setting bit 7 of BYTE 1 equal 1 3. RXOH is a Write only register to force RXEOC, RXM4, RXM56, RXACT status register sending. RST reset the device 4. It is recommended not to access all RESERVED adresses. X means 1 or 0 W refers to a write operation. R refers to a request for read-back. STLC5412 52/74 |