Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STMPS2262 Arkusz danych(PDF) 4 Page - STMicroelectronics

Numer części STMPS2262
Szczegółowy opis  Enhanced Power Switch
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPS2262 Arkusz danych(HTML) 4 Page - STMicroelectronics

  STMPS2262 Datasheet HTML 1Page - STMicroelectronics STMPS2262 Datasheet HTML 2Page - STMicroelectronics STMPS2262 Datasheet HTML 3Page - STMicroelectronics STMPS2262 Datasheet HTML 4Page - STMicroelectronics STMPS2262 Datasheet HTML 5Page - STMicroelectronics STMPS2262 Datasheet HTML 6Page - STMicroelectronics STMPS2262 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
3 Package Mechanical Data
STMPS2262 - 2272
4/7
3
Package Mechanical Data
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a Lead-free second level interconnect. The category of
second Level Interconnect is marked on the package and on the inner box label, in compliance
with JEDEC Standard JESD97. The maximum ratings related to soldering conditions are also
marked on the inner box label. ECOPACK is an ST trademark. ECOPACK specifications are
available at: www.st.com.



Html Pages

1 2 3 4 5 6 7