| Zakładka z wyszukiwarką danych komponentów |
|
STM1404CSMBQ6F Arkusz danych(PDF) 26 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM1404CSMBQ6F Arkusz danych(HTML) 26 Page - STMicroelectronics |
|
26 / 35 page ![]() DC and AC parameters STM1404 26/36 VTPU2 Internal switched supply voltage (battery backup) ISOURCE = 1 mA (VBAT = 2.2 V) VBAT – 0.10 V ILI Input leakage current (MR) MR = 0 V; VCC = 3V 20 75 350 µA Input leakage current (PFI) 0 V = VIN = VCC –25 2 +25 nA Input leakage current (TP1-TP4) 0 V = VIN = VCC –1 +1 µA ILO Output leakage current 0 V = VIN = VCC (5) –1 +1 µA VIH Input high voltage (MR) VRST (max) < VCC < 3.6 V 0.7VCC V VIL Input low voltage (MR)0.3VCC V VOL Output low voltage (PFO, RST, Vccsw, SAL, BLD) VCC = VRST (max), ISINK = 3.2 mA 0.3 V VOL Output low voltage (RST) IOL = 40 µA; VCC = 1.0 V; VBAT = VCC; TA = 0°C to 85°C 0.3 V IOL = 200 µA; VCC = 1.2 V; VBAT = VCC 0.3 V Table 6. DC and AC characteristics (continued) Sym Alter- native Description Test condition(1) Min Typ Max Unit |