| Zakładka z wyszukiwarką danych komponentów |
|
THBT15011DRL Arkusz danych(PDF) 8 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
THBT15011DRL Arkusz danych(HTML) 8 Page - STMicroelectronics |
|
8 / 10 page ![]() Package information THBT15011, THBT20011, THBT27011 8/10 3 Package information ● Epoxy meets UL94, V0 In order to meet environmental requirements, ST offers these devices in ECOPACK® packages. These packages have a lead-free second level interconnect. The category of second level interconnect is marked on the package and on the inner box label, in compliance with JEDEC Standard JESD97. The maximum ratings related to soldering conditions are also marked on the inner box label. ECOPACK is an ST trademark. ECOPACK specifications are available at www.st.com. Table 7. SO-8 dimensions Ref. Dimensions Millimeters Inches Min. Typ. Max. Min. Typ. Max. A 1.75 0.069 A1 0.1 0.25 0.004 0.010 A2 1.25 0.049 b 0.28 0.48 0.011 0.019 C 0.17 0.23 0.007 0.009 D 4.80 4.90 5.00 0.189 0.193 0.197 E 5.80 6.00 6.20 0.228 0.236 0.244 E1 3.80 3.90 4.00 0.150 0.154 0.157 e 1.27 0.050 h 0.25 0.50 0.010 0.020 L 0.40 1.27 0.016 0.050 L1 1.04 0.041 k 0°8° 0°8° ppp 0.10 0.004 Figure 11. Footprint dimensions in mm (inches) Figure 12. Marking E1 D 8 4 1 5 E e A A2 b A1 ppp C C k h x 45° L L1 Seating Plane C 6.8 (0.268) 4.2 (0.165) 1.27 (0.050) 0.6 (0.024) â XXXXX : Marking ZZ : Manufacturing location Y : Year WW : week z z y w w x x x x x x Pin 1 â XXXXX : Marking ZZ : Manufacturing location Y : Year WW : week z z z z y y w w w w x x x x x x x x x x x x Pin 1 |