| Zakładka z wyszukiwarką danych komponentów |
|
STM6905PWBDS6F Arkusz danych(PDF) 12 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM6905PWBDS6F Arkusz danych(HTML) 12 Page - STMicroelectronics |
|
12 / 19 page ![]() DC and AC parameters STM6905 12/19 6 DC and AC parameters This section summarizes the operating measurement conditions and the DC and AC characteristics of the device. Designers should check that the operating conditions in their circuit match the operating conditions when relying on the quoted parameters. Table 4. DC and AC characteristics Sym Alter- native Description Test condition(1) Min Typ Max Unit VCC Operating voltage 0.8 5.5 V ICC VCC supply current VCC < 5.5 V 12 16 µA VCC = 3.3 V 11 15 I2IN V2IN supply curent V2IN = 3.3 V 3 5 µA ILI Input leakage current - (MR)(2) VIN = VCC or VSS -0.5 +0.5 µA ILO (3) Open drain RST output leakage current VCC > VRST; RST not asserted -0.5 +0.5 µA VOL Output low voltage (RST; open drain) VCC ≥ 0.8V, ISINK = 1 µA 0.3 V VCC ≥ 1.0V, ISINK = 50 µA 0.3 V VCC ≥ 1.2V, ISINK = 100 µA 0.3 V VCC ≥ 2.7V, ISINK = 1.2 mA 0.3 V VCC ≥ 4.5V, ISINK = 3.2 mA 0.4 V VRST1 (4) VTH1 VCC reset threshold T (falling) 25°C 3.047 3.078 3.109 V -40°C to 85°C 3.023 3.133 S (falling) 25°C 2.925 2.955 2.985 V -40°C to 85°C 2.902 3.008 P (falling) 25°C 2.837 2.866 2.895 V -40°C to 85°C 2.814 2.918 VRST2 (4) VTH2 V2IN reset threshold Z (falling) 25°C 2.310 2.333 2.356 V -40°C to 85°C 2.291 2.375 Y (falling) 25°C 2.166 2.188 2.210 V -40°C to 85°C 2.149 2.227 W (falling) 25°C 1.666 1.683 1.700 V -40°C to 85°C 1.653 1.713 G (falling) 25°C 1.099 1.110 1.121 V -40°C to 85°C 1.090 1.130 F (falling) 25°C 1.040 1.050 1.061 V -40°C to 85°C 1.031 1.069 |