| Zakładka z wyszukiwarką danych komponentów |
|
TSM1051CLT Arkusz danych(PDF) 3 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TSM1051CLT Arkusz danych(HTML) 3 Page - STMicroelectronics |
|
3 / 15 page ![]() TSM1051 Description 3/15 1 Description 1.1 Pin connection Figure 1. Pin connection (top view) 1.2 Pin description -8 Table 2. Pin out Name Pin n° Type Function SOT23 - 6 SO-8 Vctrl 1 1 Analog input Input pin of the voltage control loop Gnd 2 8 Power supply Ground line. 0 V reference for all voltages Out 3 7 Current sink output Output pin. sinking current only Ictrl 4 6 Analog input Input pin of the current control loop Vsense 5 3 Analog input Input pin of the current control loop VCC 6 2 Power supply Positive power supply line Nc 5 Not internally connected Nc 4 Not internally connected. |