| Zakładka z wyszukiwarką danych komponentów |
|
TSM1051CD Arkusz danych(PDF) 4 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TSM1051CD Arkusz danych(HTML) 4 Page - STMicroelectronics |
|
4 / 15 page ![]() Description TSM1051 4/15 1.3 Absolute maximum ratings 1.4 Thermal data 1.5 Operating conditions Table 3. Absolute maximum ratings Symbol Parameter Value Unit VCC DC supply voltage 14 V VI Input voltage -0.3 to Vcc V TJ Maximum junction temperature 150 °C Table 4. Thermal data Symbol Parameter SOT23 - 6 SO-8 Unit RthJA Thermal resistance junction ambient 250 130 °C/W Table 5. Recommended operating conditions Symbol Parameter Value Unit VCC DC supply conditions 2.5 to 12 V TA Ambient temperature range 0 to 85 °C |