| Zakładka z wyszukiwarką danych komponentów |
|
HCF4019B Arkusz danych(PDF) 2 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
HCF4019B Arkusz danych(HTML) 2 Page - STMicroelectronics |
|
2 / 9 page ![]() HCF4019B 2/9 INPUT EQUIVALENT CIRCUIT LOGIC DIAGRAM PIN DESCRIPTION TRUTH TABLE X : Don"t Care ABSOLUTE MAXIMUM RATINGS Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation under these conditions is not implied. All voltage values are referred to VSS pin voltage. RECOMMENDED OPERATING CONDITIONS PIN No SYMBOL NAME AND FUNCTION 6, 4, 2, 15 A1 to A4 Data Inputs 7, 5, 3, 1 B1 to B4 Data inputs 10, 11,12, 13 D1 to D4 Data Outputs 9, 14 Ka, Kb Control bits 8 VSS Negative Supply Voltage 16 VDD Positive Supply Voltage CONTROL INPUTS OUTPUT Ka Kb A1 to A4 B1 to B4 D1 to D4 HX H X H H XLXL XH X H H XH X L L LL X X L Symbol Parameter Value Unit VDD Supply Voltage -0.5 to +22 V VI DC Input Voltage -0.5 to VDD + 0.5 V II DC Input Current ± 10 mA PD Power Dissipation per Package 200 mW Power Dissipation per Output Transistor 100 mW Top Operating Temperature -55 to +125 °C Tstg Storage Temperature -65 to +150 °C Symbol Parameter Value Unit VDD Supply Voltage 3 to 20 V VI Input Voltage 0 to VDD V Top Operating Temperature -55 to 125 °C |