| Zakładka z wyszukiwarką danych komponentów |
|
ST6208BD3/OTP Arkusz danych(PDF) 40 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST6208BD3/OTP Arkusz danych(HTML) 40 Page - STMicroelectronics |
|
40 / 104 page ![]() ST6208C/ST6209C/ST6210C/ST6220C 40/104 I/O PORTS (Cont’d) Table 10. I/O Port Option Selections Note 1. Provided the correct configuration has been selected (see Table 9). MODE AVAILABLE ON(1) SCHEMATIC Input PA0-PA3 PB0-PB7 DDRx 0 ORx 0 DRx 1 Reset state Input with pull up PA0-PA3 PB0-PB7 DDRx 0 ORx 0 DRx 0 Input with pull up with interrupt PA0-PA3 PB0-PB7 DDRx 0 ORx 1 DRx 0 Analog Input PB0-PB3 (ST6210C/20C only) PB4-PB7 (All devices, except ST6208C) DDRx 0 ORx 1 DRx 1 Open drain output (5mA) Open drain output (20 mA) PB0-PB7 PA0-PA3 DDRx 1 ORx 0 DRx 0/1 Push-pull output (5mA) Push-pull output (20 mA) PB0-PB7 PA0-PA3 DDRx 1 ORx 1 DRx 0/1 Data in Interrupt VDD VDD Data in Interrupt VDD VDD Data in Interrupt VDD VDD ADC VDD Data out P-buffer disconnected VDD Data out VDD 1 |