Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

HCF4093 Arkusz danych(PDF) 9 Page - STMicroelectronics

Numer części HCF4093
Szczegółowy opis  QUAD 2-input NAND Schmidt trigger
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCF4093 Arkusz danych(HTML) 9 Page - STMicroelectronics

Back Button HCF4093_07 Datasheet HTML 5Page - STMicroelectronics HCF4093_07 Datasheet HTML 6Page - STMicroelectronics HCF4093_07 Datasheet HTML 7Page - STMicroelectronics HCF4093_07 Datasheet HTML 8Page - STMicroelectronics HCF4093_07 Datasheet HTML 9Page - STMicroelectronics HCF4093_07 Datasheet HTML 10Page - STMicroelectronics HCF4093_07 Datasheet HTML 11Page - STMicroelectronics HCF4093_07 Datasheet HTML 12Page - STMicroelectronics HCF4093_07 Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
HCF4093
Package mechanical data
9/13
4
Package mechanical data
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a Lead-free second level interconnect. The category of
second level interconnect is marked on the package and on the inner box label, in
compliance with JEDEC Standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label. ECOPACK is an ST trademark.
ECOPACK specifications are available at: www.st.com.
Figure 5.
Plastic DIP-14 package outline
1.
Drawing not to scale.
Table 8.
Plastic DIP-14 mechanical data
Symbol
millimeters
inches
Min
Typ
Max
Min
Typ
Max
a1
0.51
0.020
B
1.39
1.65
0.055
0.065
b0.5
0.020
b1
0.25
0.010
D20
0.787
E8.5
0.335
e
2.54
0.100
e3
15.24
0.600
F
7.1
0.280
I
5.1
0.201
L3.3
0.130
Z
1.27
2.54
0.050
0.100
P001A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13