| Zakładka z wyszukiwarką danych komponentów |
|
HCF4538BEY Arkusz danych(PDF) 3 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
HCF4538BEY Arkusz danych(HTML) 3 Page - STMicroelectronics |
|
3 / 10 page ![]() HCF4538B 3/10 TABLE 1 : Functional Terminal Connections A Retriggerable one-shot multivibrator has an output pulse width which is extended on full time period (T) after application of the last trigger pulse. A Non-Retriggerable one-shot multivibrator has a time period (T) referenced from the application of the firs trigger pulse. LOGIC DIAGRAM FUNCTION VDD to Term. N° VSS to Term. N° Input Pulse to Term. N ° Other Connections Mono (1) Mono (2) Mono (1) Mono (2) Mono (1) Mono (2) Mono (1) Mono (2) Leading Edge Trigger/ Retriggerable 3, 5 11, 13 4 12 Leading Edge Trigger/Non Retriggerable 3 13 4 12 5, 7 11, 9 Trailing Edge Trigger/ Retriggerable 3 13 4 12 5 11 Trailing Edge Trigger/Non Retriggerable 3 13 5 11 4, 6 12, 10 |