| Zakładka z wyszukiwarką danych komponentów |
|
L7905AC Arkusz danych(PDF) 5 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L7905AC Arkusz danych(HTML) 5 Page - STMicroelectronics |
|
5 / 20 page ![]() L79xxAC Maximum ratings 5/20 3 Maximum ratings Note: Absolute maximum ratings are those values beyond which damage to the device may occur. Functional operation under these condition is not implied. Table 2. Absolute maximum ratings Symbol Parameter Value Unit VI DC input voltage for VO= -5 to -18V -35 V for VO= -20, -24V -40 IO Output current Internally limited PD Power dissipation Internally limited TSTG Storage temperature range -65 to 150 °C TOP Operating junction temperature range 0 to 125 °C Table 3. Thermal data Symbol Parameter D2PAK TO-220 Unit RthJC Thermal resistance junction-case 3 3 °C/W RthJA Thermal resistance junction-ambient 62.5 50 °C/W |