| Zakładka z wyszukiwarką danych komponentów |
|
LCDP1521 Arkusz danych(PDF) 6 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
LCDP1521 Arkusz danych(HTML) 6 Page - STMicroelectronics |
|
6 / 11 page ![]() 4 Test circuit for vfp and vdgl parameters LCDP1521 6/11 4 Test circuit for vfp and vdgl parameters Table 1. Test circuit component values 5 Technical information Figure 2. LCDP1521 concept behavior. Figure 2 shows the classical protection circuit using the LCDP1521 crowbar concept. This topology has been developed to protect the new high voltage SLICs. This supports the programming of the negative firing threshold while the positive clamping value is fixed at GND. Pulse (µs) Vp C1 C2 L R1 R2 R3 R4 IPP Rs tr tp (V) ( µF) (nF) ( µH) ( Ω)(Ω)(Ω)(Ω)(A) ( Ω) 10 700 1500 20 200 0 50 15 25 25 10 110 1.2 50 1500 1 33 0 761325 25 1560 2 10 2500 10 0 1.1 1.3 0 3 3 10 245 C2 R4 R3 TIP RING GND VP R2 R1 L C1 (V is defined in unload condition) P VRing GND Gate TIP RING GND -Vbat C Rs1 Rs2 L 1 L 2 V Tip Th1 D1 T1 IG ID1 |