Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LD2982AM18R Arkusz danych(PDF) 4 Page - STMicroelectronics

Numer części LD2982AM18R
Szczegółowy opis  Very low drop and low noise voltage regulator with inhibit function, low ESR capacitors compatible
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD2982AM18R Arkusz danych(HTML) 4 Page - STMicroelectronics

  LD2982AM18R Datasheet HTML 1Page - STMicroelectronics LD2982AM18R Datasheet HTML 2Page - STMicroelectronics LD2982AM18R Datasheet HTML 3Page - STMicroelectronics LD2982AM18R Datasheet HTML 4Page - STMicroelectronics LD2982AM18R Datasheet HTML 5Page - STMicroelectronics LD2982AM18R Datasheet HTML 6Page - STMicroelectronics LD2982AM18R Datasheet HTML 7Page - STMicroelectronics LD2982AM18R Datasheet HTML 8Page - STMicroelectronics LD2982AM18R Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
Pin configuration
LD2982Axx - LD2982Bxx
4/20
2
Pin configuration
Figure 2.
Pin connections (top view)
Table 2.
Pin description
Pin n°
Symbol
Name and function
1
IN
Input port
2
GND
Ground pin
3
INHIBIT
Control switch ON/OFF. Inhibit is not internally pulled-up; it cannot be left floating.
Disable the device when connected to GND or to a positive voltage less than 0.18V
4
Bypass
Bypass Pin: Capacitor to be connected to GND in order to improve the thermal noise
performances
5
OUT
Output port
Table 3.
Thermal data
Symbol
Parameter
SOT23-5L
Unit
RthJC
Thermal resistance junction-case
81
°C/W
RthJA
Thermal resistance junction-ambient
255
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20