Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LD2982AM32R Arkusz danych(PDF) 16 Page - STMicroelectronics

Numer części LD2982AM32R
Szczegółowy opis  Very low drop and low noise voltage regulator with inhibit function, low ESR capacitors compatible
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD2982AM32R Arkusz danych(HTML) 16 Page - STMicroelectronics

Back Button LD2982AM32R Datasheet HTML 12Page - STMicroelectronics LD2982AM32R Datasheet HTML 13Page - STMicroelectronics LD2982AM32R Datasheet HTML 14Page - STMicroelectronics LD2982AM32R Datasheet HTML 15Page - STMicroelectronics LD2982AM32R Datasheet HTML 16Page - STMicroelectronics LD2982AM32R Datasheet HTML 17Page - STMicroelectronics LD2982AM32R Datasheet HTML 18Page - STMicroelectronics LD2982AM32R Datasheet HTML 19Page - STMicroelectronics LD2982AM32R Datasheet HTML 20Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
Package mechanical data
LD2982Axx - LD2982Bxx
16/20
Dim.
mm.
mils.
Min.
Typ.
Max.
Min.
Typ.
Max.
A0.90
1.45
35.4
57.1
A1
0.00
0.10
0.0
3.9
A2
0.901.30
35.4
51.2
b
0.35
0.50
13.7
19.7
C0.09
0.20
3.5
7.8
D2.80
3.00
110.2
118.1
E
1.50
1.75
59.0
68.8
e0.95
37.4
H
2.60
3.00
102.3
118.1
L
0.10
0.60
3.9
23.6
SOT23-5L mechanical data
7049676D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20