Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LE50CD-TR Arkusz danych(PDF) 36 Page - STMicroelectronics

Numer części LE50CD-TR
Szczegółowy opis  Very low drop voltage regulators with inhibit
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LE50CD-TR Arkusz danych(HTML) 36 Page - STMicroelectronics

Back Button LE50CD-TR Datasheet HTML 31Page - STMicroelectronics LE50CD-TR Datasheet HTML 32Page - STMicroelectronics LE50CD-TR Datasheet HTML 33Page - STMicroelectronics LE50CD-TR Datasheet HTML 34Page - STMicroelectronics LE50CD-TR Datasheet HTML 35Page - STMicroelectronics LE50CD-TR Datasheet HTML 36Page - STMicroelectronics LE50CD-TR Datasheet HTML 37Page - STMicroelectronics LE50CD-TR Datasheet HTML 38Page - STMicroelectronics LE50CD-TR Datasheet HTML 39Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 36 / 39 page
background image
Package mechanical data
LExxAB LExxC
36/39
Dim.
mm.
inch.
Min.
Typ.
Max.
Min.
Typ.
Max.
A1
4.80
0.189
T
3.80
0.150
T1
1.60
0.063
T2
2.30
0.091
d0.48
0.019
P0
12.5
12.9
0.492
0.508
P2
5.65
7.05
0.222
0.278
F1, F2
2.44
2.54
2.94
0.096
0.100
0.116
delta H
±2
0.079
W
17.5
18.00
19.0
0.689
0.709
0.748
W0
5.7
6.3
0.224
0.248
W1
8.5
9.25
0.3350.364
W2
0.50
0.20
H18.50
18.70
0.728
0.726
H0
15.50
16.50
0.610
0.650
H1
25.00
0.984
D0
3.8
4.2
0.150
0.165
t0.900.035
L1
3
0.118
delta P±1
0.039
u
50
1.968
Φ1
360
14.173
Φ2
301.181
Tape & reel for TO-92 mechanical data
W
W1
W0
W2
A1
d
D0
H1
H
H0
L
l1
F1 F2
P2
P0
delta P
delta H
T2
T1
T
t
DRAWING NOT IN SCALE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39