Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

L78S05CV Arkusz danych(PDF) 25 Page - STMicroelectronics

Numer części L78S05CV
Szczegółowy opis  2 A positive voltage regulators
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L78S05CV Arkusz danych(HTML) 25 Page - STMicroelectronics

Back Button L78S05CV Datasheet HTML 21Page - STMicroelectronics L78S05CV Datasheet HTML 22Page - STMicroelectronics L78S05CV Datasheet HTML 23Page - STMicroelectronics L78S05CV Datasheet HTML 24Page - STMicroelectronics L78S05CV Datasheet HTML 25Page - STMicroelectronics L78S05CV Datasheet HTML 26Page - STMicroelectronics L78S05CV Datasheet HTML 27Page - STMicroelectronics L78S05CV Datasheet HTML 28Page - STMicroelectronics L78S05CV Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 31 page
background image
L78Sxx - L78SxxC
Typical performance
25/31
1.
Application with high capacitance loads and an output voltage greater than 6 volts need an external diode
(see Figure 30 on page 22) to protect the device against input short circuit. In this case the input voltage
falls rapidly while the output voltage decrease slowly. The capacitance discharges by means of the Base-
Emitter junction of the series pass transistor in the regulator. If the energy is sufficiently high, the transistor
may be destroyed. The external diode by-passes the current from the IC to ground.
Figure 37.
Protection against input short-circuit with high capacitance loads



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31