Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

L5953 Arkusz danych(PDF) 24 Page - STMicroelectronics

Numer części L5953
Szczegółowy opis  Multiple switching voltage regulator
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5953 Arkusz danych(HTML) 24 Page - STMicroelectronics

Back Button L5953 Datasheet HTML 20Page - STMicroelectronics L5953 Datasheet HTML 21Page - STMicroelectronics L5953 Datasheet HTML 22Page - STMicroelectronics L5953 Datasheet HTML 23Page - STMicroelectronics L5953 Datasheet HTML 24Page - STMicroelectronics L5953 Datasheet HTML 25Page - STMicroelectronics L5953 Datasheet HTML 26Page - STMicroelectronics L5953 Datasheet HTML 27Page - STMicroelectronics L5953 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 31 page
background image
Summary of the main operations
L5953
24/31
5.9
IRQ - Interrupt request pin
●
It is an open drain pin activated (low) every time a variation occurs in the diagnostic
register.
●
Purpose: to alert the
μP that one or more warning bit of the diagnostic register has
changed from 0 to 1 or from 1 to 0.
●
An activation of this pin puts the bit s0 of the status register to 1 (start diagnostic) like
an operation e (diagnostic procedure start). Then an operation F has to be executed
without an operation E before.
●
After an operation F, the IRQ pin is deactivated, and goes to 1 if connected to a pull-up
resistor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31