| Zakładka z wyszukiwarką danych komponentów |
|
LE50ABZ-AP Arkusz danych(PDF) 13 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
LE50ABZ-AP Arkusz danych(HTML) 13 Page - STMicroelectronics |
|
13 / 39 page ![]() LExxAB LExxC Electrical characteristics 13/39 Table 9. Electrical characteristics for LE30AB (refer to the test circuits, TJ = 25 °C, CI = 0.1 µF, CO = 2.2 µF unless otherwise specified.) Symbol Parameter Test conditions Min. Typ. Max. Unit VO Output voltage IO = 10 mA, VI = 5 V 2.970 3 3.030 V IO = 10 mA, VI = 5 V, TA = -25 to 85°C 2.940 3.060 VI Operating input voltage IO = 100 mA 18 V IO Output current limit 150 mA ΔVO Line regulation VI = 3.7 to 18 V, IO = 0.5 mA 3 15 mV ΔVO Load regulation VI = 4 V, IO = 0.5 to 100 mA 3 15 mV Id Quiescent current VI = 4 to 18V, IO = 0mA ON MODE 0.5 1 mA VI = 4 to 18V, IO=100mA 1.5 3 VI = 6 V OFF MODE 50 100 µA SVR Supply voltage rejection IO = 5 mA, VI = 5 ± 1 V f = 120 Hz 81 dB f = 1 kHz 76 f = 10 kHz 60 eN Output noise voltage B = 10 Hz to 100 kHz 50 µV Vd Dropout voltage IO = 100 mA 0.2 0.4 V IO = 100 mA, TA = -40 to 125°C 0.5 VIL Control input logic low TA = -40 to 125°C 0.8 V VIH Control input logic high TA = -40 to 125°C 2 V II Control input current VI = 6 V, VC = 6 V 10 µA CO Output bypass capacitance ESR = 0.1 to 10 Ω, IO = 0 to 100 mA 2 10 µF |