Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

L6911ETR Arkusz danych(PDF) 29 Page - STMicroelectronics

Numer części L6911ETR
Szczegółowy opis  5-Bit programmable step down controller with synchronous rectification
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6911ETR Arkusz danych(HTML) 29 Page - STMicroelectronics

Back Button L6911ETR Datasheet HTML 25Page - STMicroelectronics L6911ETR Datasheet HTML 26Page - STMicroelectronics L6911ETR Datasheet HTML 27Page - STMicroelectronics L6911ETR Datasheet HTML 28Page - STMicroelectronics L6911ETR Datasheet HTML 29Page - STMicroelectronics L6911ETR Datasheet HTML 30Page - STMicroelectronics L6911ETR Datasheet HTML 31Page - STMicroelectronics L6911ETR Datasheet HTML 32Page - STMicroelectronics L6911ETR Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 34 page
background image
L6911E
PCB and components layout
29/34
Table 8. Part list
Resistors
R1
Not Mounted
SMD 0805
R2
470K
1%
SMD 0805
R3
1K
SMD 0805
R4
82
SMD 0805
R5
Not Mounted
SMD 0805
R6
20K
SMD 0805
R7
680
SMD 0805
R8
13K
SMD 0805
R9
100K
SMD 0805
R10
6.8K
1%
SMD 0805
R11
10K
1%
SMD 0805
R12
1K
SMD 0805
R13
10K
SMD 0805
R14
8.2
SMD 0805
R15
1K
SMD 0805
Capacitors
C1-C3
680
µF- 6.3V
OSCON 6SP680M
Radial 10x10.5
C4-C9
820
µF – 4V or
680
µF – 6.3V
OSCON 4SP820M
OSCON 6SP680M
Radial 10x10.5
Radial 10x10.5
C10
1nF
SMD 0805
C11,C13-C16
100nF
SMD 0805
C12
1
µF
SMD 0805
C17
47nF
SMD 0805
C18
3.3nF
SMD 0805
C19
Not Mounted
SMD 0805
C20
100nF
SMD 0805
Magnetics
L1
1.5µH
T44-52 Core, 7T - 18AWG
L2
1.8µH
T50-52B Core, 8T – 16AWG
Transistors
Q1-Q5
STS12NF30L or
FDS6670
STMicroelectronics
Fairchild
SO8
SO8
Q6
Signal NPN BJT
SOT23
Q7
Signal MOSFET
SOT23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34