| Zakładka z wyszukiwarką danych komponentów |
|
TDA7501 Arkusz danych(PDF) 21 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TDA7501 Arkusz danych(HTML) 21 Page - STMicroelectronics |
|
21 / 29 page ![]() TDA7501 Software specification for both modes 21/29 Table 9. Input selector 1R, bits D2 ..D0 (subaddresses 1) MSB LSB Function D7 D6 D5 D4 D3 D2 D1 D0 0 0 0 0 1 1 1 1 0 0 1 1 0 0 1 1 0 1 0 1 0 1 0 1 source select CDR Phone/FDL Navigation/FDR Phone/Navigation mix CassR MPX-RDS FM (or MPX1/MPX2 in Dual MPX mode) AM-spikes Table 10. Input selector 2L, bits D2 ..D0 (subaddresses 2) MSB LSB Function D7 D6 D5 D4 D3 D2 D1 D0 0 0 0 0 1 1 1 1 0 0 1 1 0 0 1 1 0 1 0 1 0 1 0 1 source select CDL Phone/FDL Navigation/FDR Phone/Navigation mix CassL AM FM-level AM-level Table 11. Input selector 2R, bits D2 ..D0 (subaddresses 3) MSB LSB Function D7 D6 D5 D4 D3 D2 D1 D0 0 0 0 0 1 1 1 1 0 0 1 1 0 0 1 1 0 1 0 1 0 1 0 1 source select CDR Phone/FDL Navigation/FDR Phone/Navigation mix CassR MPX-RDS FM (or MPX1/MPX2 in Dual MPX mode) AM-spikes |