| Zakładka z wyszukiwarką danych komponentów |
|
M54HC27K1 Arkusz danych(PDF) 2 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M54HC27K1 Arkusz danych(HTML) 2 Page - STMicroelectronics |
|
2 / 8 page ![]() M54HC27 2/8 IEC LOGIC SYMBOLS INPUT AND OUTPUT EQUIVALENT CIRCUIT PIN DESCRIPTION TRUTH TABLE X : Don’t Care ABSOLUTE MAXIMUM RATINGS Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation under these conditions is not implied PIN N° SYMBOL NAME AND FUNCTION 1, 3, 9 1A to 3A Data Inputs 2, 4, 10 1B to 3B Data Inputs 13, 5, 11 1C to 3C Data Inputs 12, 6, 8 1Y to 3Y Data Outputs 7 GND Ground (0V) 14 VCC Positive Supply Voltage ABCY LLL H HX X L XHX L XX HL Symbol Parameter Value Unit VCC Supply Voltage -0.5 to +7 V VI DC Input Voltage -0.5 to VCC +0.5 V VO DC Output Voltage -0.5 to VCC +0.5 V IIK DC Input Diode Current ± 20 mA IOK DC Output Diode Current ± 20 mA IO DC Output Current ± 25 mA ICC or IGND DC VCC or Ground Current ± 50 mA PD Power Dissipation 300 mW Tstg Storage Temperature -65 to +150 °C TL Lead Temperature (10 sec) 265 °C |