| Zakładka z wyszukiwarką danych komponentów |
|
STLM20 Arkusz danych(PDF) 7 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STLM20 Arkusz danych(HTML) 7 Page - STMicroelectronics |
|
7 / 16 page ![]() STLM20 Transfer function 7/16 Table 3. Quadratic output equation (VCC = 2.7V) Parameter Conditions Min Typ Max Unit Temperature error based on: VOUT = (–3.88e –6 × T2) + (–1.15e–2 × T) + 1.8639 where T is the temperature TA = –55°C 2.457 2.485 2.512 V TA = –40°C 2.292 2.318 2.343 TA = –30°C 2.181 2.205 2.230 TA = –20°C 2.069 2.092 2.116 TA = 0°C 1.842 1.864 1.886 TA = 25°C 1.556 1.574 1.592 TA = 50°C 1.255 1.279 1.303 TA = 85°C 0.833 0.859 0.884 TA = 130°C 0.272 0.303 0.335 Table 4. Quadratic output equation for operations over the full voltage range (VCC = 2.4V to 5.5V) Parameter(1) 1. VOUT tolerance is ±4% (temperature grade 9 only). Conditions Min Max Unit Temperature error based on: VOUT = (–3.88e –6 × T2) + (–1.15e–2 × T) + 1.8639, where T is the temperature TA = –55°C (2) (3) 2. Valid for VCC min = 2.7V. 3. Valid for temperature grade 7 only. 2.457 2.531 V TA = –40°C (2) 2.292 2.362 TA = –30°C 2.180 2.249 TA = –20°C 2.068 2.135 TA = 0°C 1.841 1.904 TA = 25°C 1.555 1.610 TA = 50°C 1.254 1.322 TA = 85°C 0.832 0.903 TA = 130°C (3) 0.271 0.353 |