Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STCF03ITBR Arkusz danych(PDF) 14 Page - STMicroelectronics

Numer części STCF03ITBR
Szczegółowy opis  High power white LED driver with I2CTM interface
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCF03ITBR Arkusz danych(HTML) 14 Page - STMicroelectronics

Back Button STCF03ITBR Datasheet HTML 10Page - STMicroelectronics STCF03ITBR Datasheet HTML 11Page - STMicroelectronics STCF03ITBR Datasheet HTML 12Page - STMicroelectronics STCF03ITBR Datasheet HTML 13Page - STMicroelectronics STCF03ITBR Datasheet HTML 14Page - STMicroelectronics STCF03ITBR Datasheet HTML 15Page - STMicroelectronics STCF03ITBR Datasheet HTML 16Page - STMicroelectronics STCF03ITBR Datasheet HTML 17Page - STMicroelectronics STCF03ITBR Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 33 page
background image
Introduction
STCF03I
14/33
7.2.4
ADD pin
With this pin it is possible to select one of the 4 possible I2C slave addresses. No internal
pull-up nor pull-down is provided. The pin has to be connected to either GND, VI, SCL or
SDA to select the desired I2C slave address (see Table 7)
It is necessary to keep SCL and SDA high during power on reset, otherwise the I2C device
address may be recognized improperly.
7.2.5
TMSK pin
This pin can be used to implement the TX masking function. This function has effect only for
Flash current settings higher than 200 mA (bit FDIM_3=1). Under this condition, when this
pin is pulled high by the µP, the current flowing in the LED is forced at 200 mA typ. No
internal pull-up nor pull-down is provided; to be externally wired to GND if TX masking
function is not used.
7.3
I2C BUS interface
Data transmission from the main µP to STCF03I and vice versa takes place through the 2
I2C bus interface wires, consisting of the two lines SDA and SCL (pull-up resistors to a
positive supply voltage must be externally connected). The recommended maximum voltage
of these signals should be 3.0 V.
Table 7. Address table
ADD pin
A7
A6
A5
A4
A3
A2
A1
A0
GND
011000
0
R/W
VBAT
011000
1
R/W
SDAL
011001
0
R/W
SCL
011001
1
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33