Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

M74HC165 Arkusz danych(PDF) 9 Page - STMicroelectronics

Numer części M74HC165
Szczegółowy opis  8-bit PISO shift register
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HC165 Arkusz danych(HTML) 9 Page - STMicroelectronics

Back Button M74HC165 Datasheet HTML 5Page - STMicroelectronics M74HC165 Datasheet HTML 6Page - STMicroelectronics M74HC165 Datasheet HTML 7Page - STMicroelectronics M74HC165 Datasheet HTML 8Page - STMicroelectronics M74HC165 Datasheet HTML 9Page - STMicroelectronics M74HC165 Datasheet HTML 10Page - STMicroelectronics M74HC165 Datasheet HTML 11Page - STMicroelectronics M74HC165 Datasheet HTML 12Page - STMicroelectronics M74HC165 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
M74HC165
Electrical characteristics
9/21
Table 7.
AC electrical characteristics (CL = 50 pF, Input tr = tf = 6ns)
Symbol
Parameter
Test condition
Value
Unit
VCC
(V)
TA = 25°C
-40 to 85°C
-55 to 125°C
Min
Typ
Max
Min
Max
Min
Max
tTLH tTHL
Output transition
time
2.0
30
75
95
110
ns
4.5
8
15
19
22
6.0
7
13
16
19
tPLH tPHL
Propagation delay
time
(CLOCK - QH, QH)
2.0
55
150
190
225
ns
4.5
18
30
38
45
6.0
15
26
33
38
tPLH tPHL
Propagation delay
time
(SHIFT/LOAD -
QH, QH)
2.0
65
165
205
250
ns
4.5
21
33
41
50
6.0
18
28
35
43
tPLH tPHL
Propagation delay
time
(H - QH, QH)
2.0
52
135
170
205
ns
4.5
17
27
34
41
6.0
14
23
29
35
fMAX
Maximum clock
frequency
2.0
7.4
15
6.0
4.8
MHz
4.5
37
60
30
24
6.0
44
71
35
28
tW(H)
tW(L)
Minimum pulse
width
(CLOCK)
2.0
24
75
95
110
ns
4.5
6
15
19
22
6.0
5
13
16
19
tW(L)
Minimum pulse
width
(SHIFT/LOAD)
2.0
32
75
95
110
ns
4.5
8
15
19
22
6.0
7
13
16
19
ts
Minimum set-up
time
(PI-SHIFT/LOAD)
(SI - CLOCK)
(SHIFT/LOAD -
CK)
2.0
24
75
95
110
ns
4.5
6
15
19
22
6.0
5
13
16
19
th
Minimum hold time
(PI - SHIFT/LOAD)
(SI - CLOCK)
(SHIFT/LOAD -
CK)
2.0
0
0
0
ns
4.5
0
0
0
6.0
0
0
0
tREM
Minimum removal
time
(CLOCK - CK INH)
2.0
20
75
95
110
ns
4.5
5
15
19
22
6.0
4
13
16
19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21