| Zakładka z wyszukiwarką danych komponentów |
|
STA680 Arkusz danych(PDF) 6 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STA680 Arkusz danych(HTML) 6 Page - STMicroelectronics |
|
6 / 43 page ![]() Description STA680 6/43 1 Description The STA680 from STMicroelectronics is a system on a chip designed for demodulating and decoding of HD Radio(a) signals. The STA680 is compliant with the IBiquity specification and extends the possibility to implement new and optional features and to manage additional services. The device combines it all into a single IC consisting of several hardware blocks and a programmable core to guarantee the proper level of flexibility, low current consumption and an optimized die size. The STA680 implements the entire signal processing chain of an HD Radio receiver. ● The digital channel demodulation and decoding, including OFDM demodulation and error correction. ● Source decoding, consisting of audio and data decoding of the digital channel. ● The analog demodulator extracting the audio signal from the legacy analog AM/FM signal (can be implemented as an optional feature) ● The blending of the analog and digital audio signals Figure 1 presents a functional diagram describing the data flow inside STA680 for HD Radio demodulating and decoding. The architecture consists of an effective and balanced hardware/software implementation, to pursue the best combination in terms of current consumption, system flexibility and device cost. Functional blocks which are standard, and computation intensive, are implemented using custom logic. Software implementation is more efficient for functional blocks where flexibility is needed. Such flexibility enables the STA680 to be ready for future evolution, and allows the implementation of specific and optional features. Figure 1. Functional data flow diagram a. HD Radio™ technology manufactured under license from iBiquity Digital Corp. U.S. and Foreign Patents. HD Radio™ and the HD Radio logo are proprietary trademarks of iBiquity Digital Corp. AC00175 Main BB Interface Main BB Interface Secondary BB Interface Secondary BB Interface OFDM Demod PSK/QAM Demod Deinterleaver and Convolutional Decoding Channel Decoder OFDM Demod PSK/QAM Demod Deinterleaver and Convolutional Decoding Channel Decoder Digital Digital Analog AM/FM Demodulation HDC Decoder Data Processing Source Decoder Blending Blended Audio Audio Samples DATA I2S SPI I2C BBI1 BBI2 I2S * * * This features may be performed outside STA680 depending on the software configuration Legacy AM/FM Samples STA680 |