| Zakładka z wyszukiwarką danych komponentów |
|
ST62T03BMC/CCCE Arkusz danych(PDF) 12 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST62T03BMC/CCCE Arkusz danych(HTML) 12 Page - STMicroelectronics |
|
12 / 96 page ![]() ST6200CM-Auto/ ST6201CM-Auto/ST6203CM-Auto 12/96 MEMORY MAP (Cont’d) 3.1.6 Data ROM Window The Data read-only memory window is located from address 0040h to address 007Fh in Data space. It allows direct reading of 64 consecutive bytes located anywhere in program memory, be- tween address 0000h and 0FFFh. There are 64 blocks of 64 bytes in a 4K device: – Block 0 is related to the address range 0000h to 003Fh. – Block 1 is related to the address range 0040h to 007Fh. and so on... All the program memory can therefore be used to store either instructions or read-only data. The Data ROM window can be moved in steps of 64 bytes along the program memory by writing the appropriate code in the Data ROM Window Regis- ter (DRWR). Figure 5. Data ROM Window 3.1.6.1 Data ROM Window Register (DRWR) The DRWR can be addressed like any RAM loca- tion in the Data Space. This register is used to select the 64-byte block of program memory to be read in the Data ROM win- dow (from address 40h to address 7Fh in Data space). The DRWR register is not cleared on re- set, therefore it must be written to before access- ing the Data read-only memory window area for the first time. Address: 0C9h — Write Only Reset Value = xxh (undefined) Bits 7:6 = Reserved, must be cleared. Bit 5:0 = DRWR[5:0] Data read-only memory Win- dow Register Bits. These are the Data read-only memory Window bits that correspond to the upper bits of the data read-only memory space. Caution: This register is undefined on reset, it is write-only, therefore do not read it nor access it us- ing Read-Modify-Write instructions (SET, RES, INC and DEC). 0000h 0FFFh 000h 040h 07Fh 0FFh DATA ROM WINDOW DATA SPACE 64-BYTE ROM PROGRAM SPACE 7 0 - - DRWR5 DRWR4 DRWR3 DRWR2 DRWR1 DRWR0 1 |