Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADE3800XL Arkusz danych(PDF) 6 Page - STMicroelectronics

Numer części ADE3800XL
Szczegółowy opis  Analog LCD Display Engine for XGA and SXGA Resolutions with Embedded LVDS and RSDS Transmitters
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ADE3800XL Arkusz danych(HTML) 6 Page - STMicroelectronics

Back Button ADE3800XL Datasheet HTML 2Page - STMicroelectronics ADE3800XL Datasheet HTML 3Page - STMicroelectronics ADE3800XL Datasheet HTML 4Page - STMicroelectronics ADE3800XL Datasheet HTML 5Page - STMicroelectronics ADE3800XL Datasheet HTML 6Page - STMicroelectronics ADE3800XL Datasheet HTML 7Page - STMicroelectronics ADE3800XL Datasheet HTML 8Page - STMicroelectronics ADE3800XL Datasheet HTML 9Page - STMicroelectronics ADE3800XL Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 138 page
background image
Important Information
ADE3800
6/138
1
Important Information
● XCLK: Crystal oscillator, usually 27 MHz.
● INCLK: ADC Sampling clock frequency, depends on input video mode pixel rate.
● DOTCLK and OUTCLK: Related to Panel Output Pixel Rate.
● SCLK: Scale Clock used for the line buffer Ram and picture zooming.
● If some bit fields are missing, these bits are marked as "reserved":
— return 0 when read, but it is also the user's duty to mask them upon readout, to ensure
compatibility with later device releases
— must be written to 0 when the whole register is written
in all cases, the default reset value always prevails
● An asterisk denotes the default reset value for the corresponding bit(s).
● Unless all addresses and registers values are in hexadecimal.
● “not sticky” means dynamically updated (set or reset) by hardware, not a static bit.
● A “sticky” bit, once set remains set until the user clears it.
● When a value is followed by “typ” this means it is a typical value and PVT dependent.
● If a time or delay value does not have “min/typ/max” information, it is proportional to the XCLK
frequency.
● Any register names containing HW are shadow registers: they report which value is currently
being used by the chip.
● When a register bit field list has one bold option, it is the only choice for normal mode of
operation.
● TCON must always be programmed for any panel type.
● Values spread out over several registers are organised as follows:
32-bit values
24-bit values
16-bit values
_0
LSB _L or _0
LSB _L
LSB
_1
_M or _1
MSB _U
USB
_2
_U or _2
USB
_3
USB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More