| Zakładka z wyszukiwarką danych komponentów |
|
ADE3800XT Arkusz danych(PDF) 83 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ADE3800XT Arkusz danych(HTML) 83 Page - STMicroelectronics |
|
83 / 138 page ![]() 83/138 ADE3800 Register Description by Block Each character is programmed into the RAM starting with the upper left pixel, and it continues going to the right bottom. For example, programming of a 1bpp character “B” will be as follows: i2c i2c comm. address data WRITE 00 00 -> ram_address 0 [23:16] WRITE 01 00 -> ram_address 0 [15 :8] WRITE 02 00 -> ram_address 0 [7 :0] WRITE 03 7f -> ram_address 1 [23:16] WRITE 04 06 -> ram_address 1 [15 :8] WRITE 05 18 -> ram_address 1 [7 :0] WRITE 06 60 -> ram_address 2 [23:16] WRITE 07 c6 -> ram_address 2 [15 :8] WRITE 08 0c -> ram_address 2 [7 :0] WRITE 09 61 -> ram_address 3 [23:16] WRITE 0a 87 -> ram_address 3 [15 :8] WRITE 0b f0 -> ram_address 3 [7 :0] WRITE 0c 61 -> ram_address 4 [23:16] WRITE 0d c6 -> ram_address 4 [15 :8] WRITE 0e 06 -> ram_address 4 [7 :0] WRITE 0f 60 -> ram_address 5 [23:16] WRITE 10 66 -> ram_address 5 [15 :8] WRITE 11 06 -> ram_address 5 [7 :0] WRITE 12 61 -> ram_address 6 [23:16] WRITE 13 c7 -> ram_address 6 [15 :8] WRITE 14 f0 -> ram_address 6 [7 :0] WRITE 15 00 -> ram_address 7 [23:16] WRITE 16 00 -> ram_address 7 [15 :8] WRITE 17 00 -> ram_address 7 [7 :0] WRITE 18 00 -> ram_address 8 [23:16] WRITE 19 00 -> ram_address 8 [15 :8] WRITE 1a 00 -> ram_address 8 [7 :0] 12 bit wide 18 bit wide |