Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74FCT16500CTPVCG4 Arkusz danych(PDF) 2 Page - Texas Instruments

Numer części 74FCT16500CTPVCG4
Szczegółowy opis  18-Bit Registered Transceivers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

74FCT16500CTPVCG4 Arkusz danych(HTML) 2 Page - Texas Instruments

  74FCT16500CTPVCG4 Datasheet HTML 1Page - Texas Instruments 74FCT16500CTPVCG4 Datasheet HTML 2Page - Texas Instruments 74FCT16500CTPVCG4 Datasheet HTML 3Page - Texas Instruments 74FCT16500CTPVCG4 Datasheet HTML 4Page - Texas Instruments 74FCT16500CTPVCG4 Datasheet HTML 5Page - Texas Instruments 74FCT16500CTPVCG4 Datasheet HTML 6Page - Texas Instruments 74FCT16500CTPVCG4 Datasheet HTML 7Page - Texas Instruments 74FCT16500CTPVCG4 Datasheet HTML 8Page - Texas Instruments 74FCT16500CTPVCG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
CY74FCT16500T
CY74FCT162500T
2
Maximum Ratings[5, 6]
(Above which the useful life may be impaired. For user
guidelines, not tested.)
Storage Temperature ....................... Com’l
−55°C to +125°C
Ambient Temperature with
Power Applied................................... Com’l
−55°C to +125°C
DC Input Voltage
.................................................−0.5V to +7.0V
DC Output Voltage
..............................................−0.5V to +7.0V
DC Output Current
(Maximum Sink Current/Pin)
...........................−60 to +120 mA
Power Dissipation .......................................................... 1.0W
Static Discharge Voltage............................................>2001V
(per MIL-STD-883, Method 3015)
Pin Summary
Name
Description
OEAB
A-to-B Output Enable Input
OEBA
B-to-A Output Enable Input (Active LOW)
LEAB
A-to-B Latch Enable Input
LEBA
B-to-A Latch Enable Input
CLKAB
A-to-B Clock Input (Active LOW)
CLKBA
B-to-A Clock Input (Active LOW)
A
A-to-B Data Inputs or B-to-A Three-State Outputs
B
B-to-A Data Inputs or A-to-B Three-State Outputs
Function Table[1, 2]
Inputs
Outputs
OEAB
LEAB
CLKAB
A
B
L
X
X
X
Z
H
H
X
L
L
H
H
X
H
H
H
L
L
L
H
L
H
H
H
L
H
X
B[3]
H
L
L
X
B[4]
Operating Range
Range
Ambient
Temperature
VCC
Industrial
−40°C to +85°C
5V
± 10%
Electrical Characteristics Over the Operating Range
Parameter
Description
Test Conditions
Min.
Typ.[7]
Max.
Unit
VIH
Input HIGH Voltage
2.0
V
VIL
Input LOW Voltage
0.8
V
VH
Input Hysteresis[8]
100
mV
VIK
Input Clamp Diode Voltage
VCC=Min., IIN=−18 mA
−0.7
−1.2
V
IIH
Input HIGH Current
VCC=Max., VI=VCC
±1
µA
IIL
Input LOW Current
VCC=Max., VI=GND.
±1
µA
IOZH
High Impedance Output Current
(Three-State Output pins)
VCC=Max., VOUT=2.7V
±1
µA
IOZL
High Impedance Output Current
(Three-State Output pins)
VCC=Max., VOUT=0.5V
±1
µA
IOS
Short Circuit Current[9]
VCC=Max., VOUT=GND
−80
−140
−200
mA
IO
Output Drive Current[9]
VCC=Max., VOUT=2.5V
−50
−180
mA
IOFF
Power-Off Disable
VCC=0V, VOUT≤4.5V
[10]
±1
µA
Notes:
1.
H = HIGH Voltage Level. L = LOW Voltage Level. X = Don’t Care. Z = HIGH Impedance.
= HIGH-to-LOW Transition.
2.
A-to-B data flow is shown, B-to-A data flow is similar but uses OEBA, LEBA, and CLKBA.
3.
Output level before the indicated steady-state input conditions were established.
4.
Output level before the indicated steady-state input conditions were established, provided that CLKAB was LOW before LEAB went LOW.
5.
Operation beyond the limits set forth may impair the useful life of the device. Unless otherwise noted, these limits are over the operating free-air temperature
range.
6.
Unused inputs must always be connected to an appropriate logic voltage level, preferably either VCC or ground.
7.
Typical values are at VCC= 5.0V, TA= +25˚C ambient.
8.
This parameter is specified but not tested.
9.
Not more than one output should be shorted at a time. Duration of short should not exceed one second. The use of high-speed test apparatus and/or sample
and hold techniques are preferable in order to minimize internal chip heating and more accurately reflect operational values. Otherwise prolonged shorting
of a high output may raise the chip temperature well above normal and thereby cause invalid readings in other parametric tests. In any sequence of parameter
tests, IOS tests should be performed last.
10. Tested at +25˚C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12