Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STE2002DIE2 Arkusz danych(PDF) 26 Page - STMicroelectronics

Numer części STE2002DIE2
Szczegółowy opis  81 x 128 single-chip LCD controller/driver
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE2002DIE2 Arkusz danych(HTML) 26 Page - STMicroelectronics

Back Button STE2002DIE2 Datasheet HTML 22Page - STMicroelectronics STE2002DIE2 Datasheet HTML 23Page - STMicroelectronics STE2002DIE2 Datasheet HTML 24Page - STMicroelectronics STE2002DIE2 Datasheet HTML 25Page - STMicroelectronics STE2002DIE2 Datasheet HTML 26Page - STMicroelectronics STE2002DIE2 Datasheet HTML 27Page - STMicroelectronics STE2002DIE2 Datasheet HTML 28Page - STMicroelectronics STE2002DIE2 Datasheet HTML 29Page - STMicroelectronics STE2002DIE2 Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 61 page
background image
Bus interfaces
STE2002
26/61
5.1.1
Communication protocol
The STE2002 is an I2C slave. The access to the device is bi-directional since data write and
status read are allowed.
Four are the device addresses available for the device. All have in common the first 5 bits
(01111). The two least significant bit of the slave address are set by connecting the SA0 and
SA1 inputs to a logic 0 or to a logic 1.
To start the communication between the bus master and the slave LCD driver, the master
must initiate a START condition. Following this, the master sends an 8-bit byte, shown in Fig.
30, on the SDA bus line (Most significant bit first). This consists of the 7-bit Device select
Code, and the 1-bit Read/Write Designator (R/W).
All slaves with the corresponding address acknowledge in parallel, all the others will ignore
the I2C-bus transfer.
Writing mode
If the R/W bit is set to logic 0 the STE2002 is set to be a receiver. After the slaves
acknowledge one or more command word follows to define the status of the device.
A command word is composed by two bytes. The first is a control byte which defines the Co
and D/C values, the second is a data byte (fig 31). The Co bit is the command MSB and
defines if after this command will follow one data byte and an other command word or if will
follow a stream of data (Co = 1 Command word, Co = 0 Stream of data). The D/C bit defines
whether the data byte is a command or RAM data (D/C = 1 RAM Data, D/C = 0 Command).
If Co =1 and D/C = 0 the incoming data byte is decoded as a command, and if Co =1 and
D/C =1, the following data byte will be stored in the data RAM at the location specified by the
data pointer.
Every byte of a command word must be acknowledged by all addressed units.
After the last control byte, if D/C is set to a logic 1 the incoming data bytes are stored inside
the STE2002 Display RAM starting at the address specified by the data pointer. The data
pointer is automatically updated after every byte written and in the end points to the last
RAM location written.
Every byte must be acknowledged by all addressed units.
Reading mode
If the R/W bit is set to logic 1 the chip will output data immediately after the slave address. If
the D/C bit sent during the last write access, is set to a logic 0, the byte read is the status
byte.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61