Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STI7101 Arkusz danych(PDF) 3 Page - STMicroelectronics

Numer części STI7101
Szczegółowy opis  Low-cost HDTV set-top box decoder for H.264
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STI7101 Arkusz danych(HTML) 3 Page - STMicroelectronics

  STI7101 Datasheet HTML 1Page - STMicroelectronics STI7101 Datasheet HTML 2Page - STMicroelectronics STI7101 Datasheet HTML 3Page - STMicroelectronics STI7101 Datasheet HTML 4Page - STMicroelectronics STI7101 Datasheet HTML 5Page - STMicroelectronics STI7101 Datasheet HTML 6Page - STMicroelectronics STI7101 Datasheet HTML 7Page - STMicroelectronics STI7101 Datasheet HTML 8Page - STMicroelectronics STI7101 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
STi7101
Full feature list
3/9
Programmable transport interfaces (PTIs)
Two programmable transport interfaces
Two transport stream demultiplexers: DVB, DIRECTV®, ATSC, ARIB, OpenCable,
DCII
Integrated DES, AES, DVB and Multi2 descramblers
NDS random access scrambled stream protocol (RASP) compliant
NDS ICAM CA
Support for VGS, Passage and DVS042 residue handling
1.4
Video/graphics subsystem
H.264(MPEG-4 part 10) main and high profile level 4.1/MPEG-2 MP@HL video
decoder
Advanced error concealment and trick mode support
Dual MPEG-2 MP@HL decode
SD digital video input
Displays
One HD display multi format capable (1080I, 720P, 480P/576P, 480I/576I)
- Analog HD output RGB or YPbPr
- HDMI encoded output
One standard-definition display: Analog SD output: YPbPr or YC and CVBS
Gamma 2D graphics processor
Triple-source, 2D gamma blitter engine
Alpha blending and logical operations
Color space and format conversion
Fast color fill
Arbitrary resizing with high quality filters
Acceleration of direct drawing by CPU
Gamma compositor and video processor
7-channel mixer for high definition output
Independent 2-channel mixer for SD output
Three graphic display planes
High quality video scaler
Motion and detail adaptive deinterlacer
Linear resizing and format conversions
Horizontal and vertical filtering
Copy protection
HDMI/HDCP copy protection hardware
–SVP compliant
Macrovision® copy protection for 480I, 480P, 576I, 576P outputs
–DTCP-IP
AWG-based DCS analog copy protection



Html Pages

1 2 3 4 5 6 7 8 9